Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZVF1M680 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERZVF1M680
Description  ?쏾NR??Transient/Surge Absorbers, SMD Type Low clamping voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZVF1M680 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERZVF1M680 Datasheet HTML 1Page - Panasonic Semiconductor ERZVF1M680 Datasheet HTML 2Page - Panasonic Semiconductor ERZVF1M680 Datasheet HTML 3Page - Panasonic Semiconductor ERZVF1M680 Datasheet HTML 4Page - Panasonic Semiconductor ERZVF1M680 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Surge Absorbers, SMD Type
– 38 –
5.0
10.0
8.0
Occupied Space
Product
Land
Performance Characteristics
Characteristics
Test Methods
Specifications
Standard Test
Condition
Electrical measurements (initial/after tests) shall be conducted at
temperature of 5 to 35 °C, relative humidity of maximum 85 %
———
Varistor Voltage
The voltage between two terminals with the specified measuring
current CmA DC applied is called Vc or VCmA. The measurement
should be made as fast as possible to avoid heat effects.
To meet the
specified value.
Maximum Allowable
Voltage
The recommended maximum sinusoidal wave voltage (rms) or the
maximum DC voltage that can be applied continuously.
Clamping Voltage
The maximum voltage between two terminals with the specified
impulse current (8/20 μs).
Rated Power
The maximum power that can be applied within the specified
ambient temperature.
Maximum Energy
Maximum energy of less than ±10 % of the varistor voltage
change when the standard impulse (2 ms) is applied one time.
Maximum
Peak Current
Maximum current of less than ±10 % of the varistor voltage change
when impulse current (8/20 μs) is applied twice continuously with
an interval of 5 minutes.
Temperature Coefficient
of Varistor Voltage
VCmA at 85 °C – VCmA at 25 °C × 1 × 100(%/°C)
VCmA at 25 °C
60
0 to –0.05 %/°C
Impulse Life (I)
The change of Vc shall be measured after the specified impulse
is applied 10000 times continuously with an interval of 10 seconds
at room temperature.
Part Number
Waveform
Current
ERZVF
□M220 to ERZVF□M680
ERZVF
□M820 to ERZVF□M271
ERZVF
□M331 to ERZVF□M471
8/20 μs
8/20 μs
8/20 μs
18 A
50 A
30 A
ΔVCmA/VCmA
< ±10 %
Impulse Life (II)
The change of Vc shall be measured after the specified impulse
is applied 100000 times continuously with an interval of 10
seconds at room temperature.
Part Number
Waveform
Current
ERZVF
□M220 to ERZVF□M680
ERZVF
□M820 to ERZVF□M271
ERZVF
□M331 to ERZVF□M471
8/20 μs
8/20 μs
8/20 μs
12 A
35 A
20 A
ΔVCmA/VCmA
< ±10 %
Recommendation Land Size
(Unit:mm)
Aug. 2012
01


Similar Part No. - ERZVF1M680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZVF1M680 PANASONIC-ERZVF1M680 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
More results

Similar Description - ERZVF1M680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VF2M820 PANASONIC-ERZ-VF2M820 Datasheet
124Kb / 5P
   ?쏾NR??Surge Absorbers, SMD Type
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V511 PANASONIC-ERZ-VA9V511 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D471 PANASONIC-ERZ-VA7D471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D680 PANASONIC-ERZ-VA7D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V221 PANASONIC-ERZ-VA9V221 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com