Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIPS6011RTR Datasheet(PDF) 6 Page - International Rectifier

Part # AUIPS6011RTR
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6011RTR Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIPS6011RTR Datasheet HTML 2Page - International Rectifier AUIPS6011RTR Datasheet HTML 3Page - International Rectifier AUIPS6011RTR Datasheet HTML 4Page - International Rectifier AUIPS6011RTR Datasheet HTML 5Page - International Rectifier AUIPS6011RTR Datasheet HTML 6Page - International Rectifier AUIPS6011RTR Datasheet HTML 7Page - International Rectifier AUIPS6011RTR Datasheet HTML 8Page - International Rectifier AUIPS6011RTR Datasheet HTML 9Page - International Rectifier AUIPS6011RTR Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AUIPS6011(S)(R)
www.irf.com
6
Functional Block Diagram
All values are typical
IN
VCC
OUT
37V
Driver
I Limit
43V
I sense
-
+
Charge
Pump
Level
Shifter
Tj
165°C
158°C
2.5V
2.0V
6V
DG
6V
GND
Ground
Disconnect
3V
-
+
Open load off
Over-temp
20mV
-
+
Open load on
3V
-
+
Short circuit
43V
Vcc-gnd >UV


Similar Part No. - AUIPS6011RTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6011 IRF-AUIPS6011 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - AUIPS6011RTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com