Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIPS6011STRR Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS6011STRR
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6011STRR Datasheet(HTML) 4 Page - International Rectifier

  AUIPS6011STRR Datasheet HTML 1Page - International Rectifier AUIPS6011STRR Datasheet HTML 2Page - International Rectifier AUIPS6011STRR Datasheet HTML 3Page - International Rectifier AUIPS6011STRR Datasheet HTML 4Page - International Rectifier AUIPS6011STRR Datasheet HTML 5Page - International Rectifier AUIPS6011STRR Datasheet HTML 6Page - International Rectifier AUIPS6011STRR Datasheet HTML 7Page - International Rectifier AUIPS6011STRR Datasheet HTML 8Page - International Rectifier AUIPS6011STRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AUIPS6011(S)(R)
www.irf.com
4
Static Electrical Characteristics
Tj=-40°C..150°C, Vcc=6..28V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
11
14
m
Vin=5V, Iout=20A
ON state resistance Tj=150°C
19.5
25
Vin=5V, Iout=20A
ON state resistance Tj=25°C, Vcc=6V
12
17
Vin=5V, Iout=20A
ON state resistance during reverse battery
Tj=25°C
15
20
Vcc-Gnd=-14V
Vcc op.
Operating voltage range with short circuit
protection
6
24
V
V clamp 1
Vcc to Out clamp voltage 1
36.5
39
43
Iout=50mA
V clamp 2
Vcc to Out clamp voltage 2
40
Iout=16A (see Fig. 1)
Icc Off
Supply current when Off and Vout
connected to ground with R<4Ω
4
9
µA
Vin=0V, Vout=0V,
Tj=25°C, Vcc=14V
Icc On
Supply current when On
2.2
5
mA
Vin=5V, Vcc=14V
Vih
Input high threshold voltage
2.5
3
V
Vil
Input low threshold voltage
1.5
2
In hyst.
Input hysteresis
0.2
0.5
1
Iin On
Input current when device is On
40
100
µA
Vin=5V
Idg
Dg leakage current
0.1
10
Vdg=5V
Vdg
Low level DG voltage
0.25
0.4
V
Idg=1.6mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=6
, Vin=5V, Tj=-40°C..150°C, typical values are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time
30
80
µs
see Fig. 3
Tr1
Rise time to Vout=Vcc-5V
25
80
Tr2
Rise time to Vout=0.9 x Vcc
Tj=-40°C..25°C
80
300
Tj=25°C..150°C
40
100
dV/dt (On)
Turn On dV/dt
0.3
V/µs
EOn
Turn On energy
4
mJ
Tdoff
Turn-off delay time
70
150
µs
Tf
Fall time to Vout=0.1 x Vcc
30
80
dV/dt (Off)
Turn Off dV/dt
0.7
V/µs
EOff
Turn Off energy
1.5
mJ


Similar Part No. - AUIPS6011STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6011 IRF-AUIPS6011 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - AUIPS6011STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com