Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXA2R63021P Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXA2R63021P
Description  Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXA2R63021P Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AXA2R63021P Datasheet HTML 1Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 2Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 3Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 4Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 5Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 6Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 7Page - Panasonic Semiconductor AXA2R63021P Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AXA2R
4. On board mounting reverse type (Standoff 1.5mm)
Part No.
AXA2R63361
(With card jump-out prevention function)
AXA2R63321
(Without card jump-out prevention function)
Card center
19.15
17.50
2.50
9.375
0.625
14.65
13.50
28.15
17.50
(Contact pitch) 2.50
±0.1
1.65
±0.1
14.55
(0.625)
27.95
0.60
Terminal coplanarity
(Signal/Detection contact)
SD memory card
0.10
2.70
0.70
(2.10)
(4.90)
*1.58 (Standoff dimensions)
Detailed internal view
View of set card
3
2
1
SD memory card
(24.00)
Circuit schematic
No. 3
No. 2
No. 1
Recommended PC board pattern (TOP VIEW)
PC board both side
Substrate edge
Socket edge
Through hole
0.60
±0.05
0.40
±0.05
14.55
±0.05
1.60
±0.05
0.60
±0.05
0.40
±0.05
12.45
±0.05
1.00
±0.05
1.55
±0.05
12.25
±0.05
19.15
±0.05
17.50
±0.05
0.625
±0.05
2.50
±0.05 (Pitch)
1.75
±0.05
27.95
±0.05
1.60
±0.05
(R)
* Standoff dimension is the dimension that takes into account the solder resist or
silk screen printing thickness on the PC board in order to preserve the dimension
from the surface of the PC board to the bottom of the socket.
Recommended metal mask pattern
Metal mask thickness: 120
µm
Metal mask opening area ratio: 80%
Metal mask opening area ratio: 100%
Metal mask opening area ratio: 75%
Socket edge
9-1.0
±0.03
17.5
±0.05 (2.5×7)
2.5
±0.05 (pitch)
1.65
±0.05
29.95
±0.05
1.60
±0.03
1.60
±0.03
1.31
±0.03
6.27
±0.05
5.88
±0.05
1.75
±0.03
1.55
±0.03
Contact status of the card detection and write protect switches
Card attachment
condition
Write protect switch
Card detection
switch
Write unable
Write enable
Card not attached
Open
Open
Open
Card attached
Open
Closed
Closed
Terminal number
1–21–3
CAD Data
panasonic-electric-works.net/ac
To be transferred to Honda Tsushin kogyo Co.,Ltd. from October 1, 2009


Similar Part No. - AXA2R63021P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXA2R63021 PANASONIC-AXA2R63021 Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
More results

Similar Description - AXA2R63021P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXA2R PANASONIC-AXA2R Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
logo
Dubilier
DXT49 DUBILIER-DXT49 Datasheet
175Kb / 1P
   RESISTANCE WELDED HOLDER
logo
Vectron International, ...
VXE1 VECTRON-VXE1 Datasheet
61Kb / 2P
   VXE1 Resistance Welded Crystal
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
   Resistance Welded Miniature Crystal Units
Revision: 18-Oct-07
logo
RSG Electronic Componen...
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
   RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Dubilier
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
   CRYSTALS RESISTANCE WELDED HOLDER DXT49
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
   Resistance Welded Miniature Crystal Units
Revision: 09-Mar-10
logo
TXC Corporation.
9B-SERIES TXC-9B-SERIES Datasheet
1,000Kb / 1P
   Resistance welded type crystal units.
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_V01 Datasheet
74Kb / 3P
   Resistance Welded Miniature Crystal Unitss
01-Jan-2022
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com