Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1AS-12V-A-5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CA1AS-12V-A-5
Description  AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CA1AS-12V-A-5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CA1AS-12V-A-5 Datasheet HTML 1Page - Panasonic Semiconductor CA1AS-12V-A-5 Datasheet HTML 2Page - Panasonic Semiconductor CA1AS-12V-A-5 Datasheet HTML 3Page - Panasonic Semiconductor CA1AS-12V-A-5 Datasheet HTML 4Page - Panasonic Semiconductor CA1AS-12V-A-5 Datasheet HTML 5Page - Panasonic Semiconductor CA1AS-12V-A-5 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CA
ASCTB219E 201203-T1
TYPES
Standard packing: Carton: 20 pcs. Case: 200 pcs.
Note: Please use “CA
∗∗R-∗-∗-∗ or CA∗∗SR-∗-∗-∗” built-in resistor type. (Asterisks “ ∗ ” should be filled in from ORDERING INFORMATION.)
RATING
1. Coil data
Note: Other pick-up voltage types are also available. Please contact us for details.
2. Specifications
1) 12 V DC type
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient
condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS.
Contact arrangement
Coil voltage
Mounting type
Standard type
Low operating power type
Sealed type
Dust cover type
Sealed type
Dust cover type
Part No.
Part No.
Part No.
Part No.
1 Form A
12 V DC
Rubber bracket A
CA1a-12V-A-5
CA1aF-12V-A-5
CA1aS-12V-A-5
CA1aFS-12V-A-5
Screw-mounting
CA1a-12V-N-5
CA1aF-12V-N-5
CA1aS-12V-N-5
CA1aFS-12V-N-5
Direct coupling
CA1a-12V-C-5
CA1aF-12V-C-5
CA1aS-12V-C-5
CA1aFS-12V-C-5
1 Form B
12 V DC
Rubber bracket A
CA1b-12V-A-5
CA1bF-12V-A-5
CA1bS-12V-A-5
CA1bFS-12V-A-5
Screw-mounting
CA1b-12V-N-5
CA1bF-12V-N-5
CA1bS-12V-N-5
CA1bFS-12V-N-5
Direct coupling
CA1b-12V-C-5
CA1bF-12V-C-5
CA1bS-12V-C-5
CA1bFS-12V-C-5
1 Form C
12 V DC
Screw-mounting
CA1-12V-N
Direct coupling
CA1-12V-C
24 V DC
Screw-mounting
CA1-24V-N
Direct coupling
CA1-24V-C
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out
voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal
operating power
Usable voltage
range
Standard type
1 Form A and 1 Form B
12 V DC
Max. 8 V DC
0.6 to 6 V DC
150 mA
80
1.8 W
10 to 16V DC
Low operating power type
1 Form A and 1 Form B
12 V DC
Max. 8 V DC
0.6 to 6 V DC
120 mA
100
1.4 W
10 to 16V DC
1 Form C
12 V DC
Max. 8 V DC
Min. 0.6 V DC
150 mA
80
1.8 W
10 to 15V DC
24 V DC
Max. 16 V DC
Min. 1.2 V DC
75 mA
320
1.8 W
20 to 30V DC
Characteristics
Item
Specifications
1 Form A type
1 Form B type
1 Form C type
Contact
Arrangement
1 Form A
1 Form B
1 Form C
Contact resistance (Initial)
Typ 3m
Ω (By voltage drop 6V DC 1A)
Contact voltage drop
Max. 0.3 V [(after electrical life test, by
voltage drop 12 V DC 20 A (1.4 W type),
12 V DC 30 A (1.8 W type)]
Max. 0.3 V
(after electrical life test, by
voltage drop 12 V DC 20 A)
Max. 0.4 V
(after electrical life test, by
voltage drop 12 V DC 20 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (resistive load)
20 A 12V DC (1.4 W type)
30 A 12V DC (1.8 W type)
20 A 12 V DC
Max. carrying current
(at coil applied voltage 14 V DC, 80
°C 176°F)
20 A continuous (1.4 W type)
30 A for 1 min. (1.8 W type)
20 A continuous
20 A continuous
Nominal operating power
1.4 W/1.8 W
1.8 W
Min. switching capacity (resistive load)*1
1 A 12V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 10 M
Ω (at 500V DC)
Min. 10 M
Ω (at 500V DC)
Breakdown
voltage (Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at 20
°C 68°F)
Max. 10ms (at nominal voltage) (excluding contact bounce time) (Initial)
Release time (at 20
°C 68°F)
Max. 10ms (at nominal voltage) (excluding contact bounce time) (Initial)
Mechanical
characteristics
Shock
resistance
Functional
Min. 200 m/s2 {20G}
(Half-wave pulse of sine wave: 11ms;
detection time: 10
µs)
Min. 100 m/s2 {10G}
(Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms)
Vibration
resistance
Functional
Rubber bracket A type: 50 Hz to 500 Hz, Min. 100 m/s2 {10G}
Screw-mounting and direct coupling type: 33 Hz, Min. 44.1 m/s2 {4.5G} (Detection time: 10
µs)
Destructive
Rubber bracket A type: 50 Hz to 500 Hz, Min. 100 m/s2 {10G}
Screw-mounting and direct coupling type: 33 Hz, Min. 44.1 m/s2 {4.5G},
Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours
Expected life
Electrical (at nominal switching capacity)
Min. 105 (operating frequency: 2s ON,
2s OFF) (1.4 W and 1.8 W type at 20 A)
Min. 2
× 104 (operating frequency: 3s
ON, 15s OFF) (1.8 W type at 30 A)
Min. 105 (operating frequency: 2s ON, 2s OFF)
Mechanical
Min. 106 (at 120 cpm)
Min. 5
× 105 (at 120 cpm)
Conditions
Conditions for operation, transport and
storage*2
Ambient temperature: –30
°C to +80°C –22°F to +176°F,
Humidity: 5% R.H. to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
15 cpm (1.4 W type: at nominal load,
1.8 W type: at 20 A)
15 cpm (at nominal switching capacity)
Water-proof
standard
Water-proof standard
Sealed type: JIS D 0203 S2, Dust cover type: JIS D 0203 R2
Mass
Rubber bracket A type: 23 g .81 oz,
Screw-mounting and direct coupling type: 19 g .67 oz
31 g 1.09 oz


Similar Part No. - CA1AS-12V-A-5

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1A-12V-A-5 NAIS-CA1A-12V-A-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1A-12V-C-5 NAIS-CA1A-12V-C-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1A-12V-N-5 NAIS-CA1A-12V-N-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1AF-12V-A-5 NAIS-CA1AF-12V-A-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1AF-12V-C-5 NAIS-CA1AF-12V-C-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Similar Description - CA1AS-12V-A-5

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com