Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1-24V-C Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # CA1-24V-C
Description  AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CA1-24V-C Datasheet(HTML) 5 Page - Panasonic Semiconductor

  CA1-24V-C Datasheet HTML 1Page - Panasonic Semiconductor CA1-24V-C Datasheet HTML 2Page - Panasonic Semiconductor CA1-24V-C Datasheet HTML 3Page - Panasonic Semiconductor CA1-24V-C Datasheet HTML 4Page - Panasonic Semiconductor CA1-24V-C Datasheet HTML 5Page - Panasonic Semiconductor CA1-24V-C Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CA
ASCTB219E 201203-T1
DIMENSIONS (mm inch)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. 1 Form A/1 Form B
Rubber bracket A type
External dimensions
21.5
19.5
9
37
14.4
17.4
10
15
2.5
6
21.5
17
0.8
15.4
12.4
5.5
2.4
1.5
2
.846
.768
.354
1.457
.567
.685
.394
.591
.098
.236
.846
.669
.031
.606
.488
.217
.094
.059
.079
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom View)
1 Form A
Including resistor
(1 Form A)
1 Form B
Note: Including resistor type also available.
CAD Data
2. 1 Form A/1 Form B
Screw-mounting type
External dimensions
14
9
2
17.4
21.5
3
.079
.118
14.4
.236
6
0.8
15.4
12.4
5.5
2.4
17.5
37
1.457
7
R10
6.5
dia. hole
+0.3
0
.256
dia.
+.012
0
19.5
.846
.768
.551
.354
.685
.567
.031
.606
.488
.217
.094
.689
1.457
.276
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom View)
1 Form A
Including resistor
(1 Form A)
1 Form B
Note: Including resistor type also available.
CAD Data


Similar Part No. - CA1-24V-C

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
CA1-B0-34-630-121 CARLINGTECH-CA1-B0-34-630-121 Datasheet
4Mb / 28P
   CIRCUIT BREAKER
logo
Nais(Matsushita Electri...
CA1-DC12V-C NAIS-CA1-DC12V-C Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1-DC12V-N NAIS-CA1-DC12V-N Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1-DC24V-C NAIS-CA1-DC24V-C Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1-DC24V-N NAIS-CA1-DC24V-N Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Similar Description - CA1-24V-C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com