Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P060-1FGG144YPP Datasheet(PDF) 10 Page - Microsemi Corporation

Part # A3P060-1FGG144YPP
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P060-1FGG144YPP Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button A3P060-1FGG144YPP Datasheet HTML 6Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 7Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 8Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 9Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 10Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 11Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 12Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 13Page - Microsemi Corporation A3P060-1FGG144YPP Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 220 page
background image
ProASIC3 Device Family Overview
1-4
Revision 13
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic
function, a D-flip-flop (with or without enable), or a latch by programming the appropriate flash switch
interconnections. The versatility of the ProASIC3 core tile as either a three-input lookup table (LUT)
equivalent or as a D-flip-flop/latch with enable allows for efficient use of the FPGA fabric. The VersaTile
capability is unique to the Microsemi ProASIC family of third-generation architecture flash FPGAs.
VersaTiles are connected with any of the four levels of routing hierarchy. Flash switches are distributed
throughout the device to provide nonvolatile, reconfigurable interconnect programming. Maximum core
utilization is possible for virtually any design.
VersaTiles
The ProASIC3 core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS® core
tiles. The ProASIC3 VersaTile supports the following:
All 3-input logic functions—LUT-3 equivalent
Latch with clear or set
D-flip-flop with clear or set
Enable D-flip-flop with clear or set
Refer to Figure 1-3 for VersaTile configurations.
Figure 1-2 • ProASIC3 Device Architecture Overview with Four I/O Banks (A3P250, A3P600, and A3P1000)
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block
(A3P600 and A3P1000)
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block
VersaTile
CCC
I/Os
ISP AES
Decryption
User Nonvolatile
FlashROM
Charge Pumps
Bank 0
Bank 2
Figure 1-3 • VersaTile Configurations
X1
Y
X2
X3
LUT-3
Data
Y
CLK
Enable
CLR
D-FF
Data
Y
CLK
CLR
D-FF
LUT-3 Equivalent
D-Flip-Flop with Clear or Set
Enable D-Flip-Flop with Clear or Set


Similar Part No. - A3P060-1FGG144YPP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P060-1FGG144 ACTEL-A3P060-1FGG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-1FGG144ES ACTEL-A3P060-1FGG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-1FGG144I ACTEL-A3P060-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-1FGG144PP ACTEL-A3P060-1FGG144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-1FGG144T ACTEL-A3P060-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P060-1FGG144YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
List of Unclassifed Man...
A3P030 ETC2-A3P030 Datasheet
214Kb / 11P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com