Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-250-05-L-Q Datasheet(PDF) 1 Page - Samtec, Inc

Part # TSW-250-05-L-Q
Description  THROUGH-HOLE .025" SQ POST HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TSW-250-05-L-Q Datasheet(HTML) 1 Page - Samtec, Inc

  TSW-250-05-L-Q Datasheet HTML 1Page - Samtec, Inc TSW-250-05-L-Q Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(2,54 mm) .100"
TSW, HTSW SERIES
TSW–116–11–G–S
TSW–108–05–L–Q
TSW–209–09–F–S–RA
WWW.SAMTEC.COM
TSW
Standard
Strip
=
NO. PINS
PER ROW
Mates with:
SSW, SSQ, SSM, ESW, ESQ,
BCS, BSW, CES, SLW, IDSD,
IDSS, SMSD, SMSS
TYPE STRIP
PIN CENTERS
Straight
Pin
Versions
– S
– D
– T
– Q
– S
– D
– T
– Q
Note: Some lengths,
styles and options are
non-standard, non-returnable.
01
thru
50
= .100" (2,54 mm)
Center Version
02
thru
25
= .200" (5,08 mm)
Center Version
(2,54)
.100
(2,54) .100 x No. of Positions
(2,54)
.100
(2,54)
.100
(5,08)
.200
(7,62)
.300
01
50
100
02
99
01
03
148
150
01
(5,08)
.200
(2,54)
.100
(5,02)
.198
(2,48)
.098
150
148
(7,62)
.300
03
01
(7,56)
.298
(5,08)
.200
(7,56)
.298
TSW
HTSW
(2,54)
.100
(2,54) .100 x No. of Positions
(3,02)
.119 (1,78)
.070
(5,56)
.219
50
01
02
100
01
99
TSW
HTSW
(5,08)
.200
(2,54)
.100
(8,12)
.320
(1,78)
.070
(3,09)
.122
(1,78)
.070
(6,10)
.240
(1,78)
.070
01
148
03
150
01
148
03
150
(2,54)
.100
(1,78)
.070
(1,78)
.070
(2,54)
.100
(8,12)
.320
(1,78)
.070
(8,10)
.319
(5,08)
.200
(1,78)
.070
(8,10)
.319
Right
Angle
Versions
HTSW= Hi-Temp
Strip
F-213
(2,54)
.100
(5,08)
.200
–1=
.100" (2,54 mm) Centers,
All Positions Filled
– 2 = .200" (5,08 mm) Centers,
Every Other Position Filled
For complete specifications
see www.samtec.com?TSW
TSW
Insulator Material:
Black Glass Filled
Polyester
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over 50µ"
(1,27 µm) Ni
Operating Temp Range:
-55°C to +125°C with Gold
-55°C to +105°C with Tin
Voltage Rating:
550 VAC mated with SSW;
500 VAC mated with
BCS or ESQ;
450 VAC -RA/-RE mated with
BCS or SSM
RoHS Compliant:
Yes
Lead–Free Solderable:
Wave Only
SPECIFICATIONS
For complete specifications
see www.samtec.com?HTSW
HTSW
Same as TSW
except:
Insulator Material:
Natural Liquid Crystal
Polymer
SPECIFICATIONS
HORIZONTAL
APPLICATIONS
BCS
TSW
THROUGH-HOLE .025" SQ POST HEADER
CURRENT RATING
(PER CONTACT)
AMBIENT
TEMP
TSW mated with
ESW SSW SLW SSQ SSM BCS
20°C
6.9A 6.9A 7.1A 7.6A 6.9A 5.9A
40°C
6A
6.1A 6.2A 6.9A
6A
5.2A
60°C
5.3A 5.3A 5.8A 5.9A 5.3A 4.7A
95°C
3.5A 3.5A 3.7A 3.9A 3.5A
3A
6 POSITIONS (2x3) POWERED
ALSO
AVAILABLE
Shunts.
See
SNT
Series


Similar Part No. - TSW-250-05-L-Q

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
TSW-25 OMEGA-TSW-25 Datasheet
158Kb / 1P
   Adjustable Temperature Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com