Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06NK155JB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CWR06NK155JB
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06NK155JB Datasheet(HTML) 1 Page - Vishay Siliconix

  CWR06NK155JB Datasheet HTML 1Page - Vishay Siliconix CWR06NK155JB Datasheet HTML 2Page - Vishay Siliconix CWR06NK155JB Datasheet HTML 3Page - Vishay Siliconix CWR06NK155JB Datasheet HTML 4Page - Vishay Siliconix CWR06NK155JB Datasheet HTML 5Page - Vishay Siliconix CWR06NK155JB Datasheet HTML 6Page - Vishay Siliconix CWR06NK155JB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CWR06
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
1
Document Number: 40009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Capacitors TANTAMOUNT®
Conformal Coated, Military MIL-PRF-55365/4 Qualified
FEATURES
• Weibull failure rates B, C, D, T
Exponential failure rates M, P, R, S
• Tape and reel available per EIA 481
• Termination
finishes
available: Gold
plate,
solder plated, solder fused and hot solder
dipped
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.10 μF to 100 μF
Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
Notes
(1) Contact marketing for availability of Weibull D failure rate for 50 V ratings
(2) T level requires surge current option “C”. Capacitors are recommended for “space applications”. Shipped in tape and reel/or waffle
packaging only.
Note
• When solder coated terminations are required, add 0.015" [0.38 mm] to termination dimension tolerances
ORDERING INFORMATION
CWR06
D
B
155
K
B
A
/TR
TYPE
VOLTAGE
TERMINATION
FINISH
CAPACITANCE
CAPACITANCE
TOLERANCE
FAILURE RATE
%/1000 h
SURGE CURRENT
(OPTIONAL)
PACKAGING
C = 4 V
D = 6 V
F = 10 V
H = 15 V
J = 20 V
K = 25 V
M = 35 V
N = 50 V
B = Gold
C = Hot solder
dipped
H = Solder
plated
K = Solder
fused
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow.
J = ± 5 %
K = ± 10 %
M = ± 20 %
M = 1.0
P = 0.1
R = 0.01
S = 0.001
B = 0.1
C = 0.01
D = 0.001 (1)
T = 0.01 (2)
A = 3 cycles at + 25 °C
B = 3 cycles at - 55 °C
and + 85 °C
C = 3 cycles at - 55 °C
and + 85 °C
(before Weibull grading)
Blank = Bulk,
plastic tray
/FA = Waffle
pack
/PR =
100 pcs reel
/HR = Half reel
/TR = Full reel
DIMENSIONS in inches [millimeters]
CASE CODE
L
W
H
P
T1
T2 (max.)
A
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
B
0.150 ± 0.015
[3.81 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
C
0.200 ± 0.015
[5.08 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
D
0.150 ± 0.015
[3.81 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
E
0.200 ± 0.015
[5.08 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
F
0.220 ± 0.015
[5.59 ± 0.38]
0.135 ± 0.015
[3.43 ± 0.38]
0.070 ± 0.015
[1.78 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
G
0.265 ± 0.015
[6.73 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.050 ± 0.005
[1.27 ± 0.13]
0.005
[0.13]
0.015
[0.38]
H
0.285 ± 0.015
[7.24 ± 0.38]
0.150 ± 0.015
[3.81 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.050 ± 0.005
[1.27 ± 0.13]
0.005
[0.13]
0.015
[0.38]
W
L
P
H
P
Weld and
dimple
projection
identifies
anode (+)
terminal
-+
T
1 -
T
2 (max.)


Similar Part No. - CWR06NK155JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06NB104J VISHAY-CWR06NB104J Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06NB104K VISHAY-CWR06NB104K Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06NB105J VISHAY-CWR06NB105J Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06NB105K VISHAY-CWR06NB105K Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06NB154J VISHAY-CWR06NB154J Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
More results

Similar Description - CWR06NK155JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
595D VISHAY-595D Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com