Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75639S3S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HUFA75639S3S
Description  56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75639S3S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HUFA75639S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75639G3, HUFA75639P3, HUFA75639S3S Rev. B
HUFA75639G3, HUFA75639P3, HUFA75639S3S
56A, 100V, 0.025 Ohm, N-Channel
UltraFET Power MOSFETs
These N-Channel power MOSFETs
are manufactured using the
innovative UltraFET® process. This
advanced process technology
achieves the lowest possible on-resistance per silicon area,
resulting in outstanding performance. This device is capable
of withstanding high energy in the avalanche mode and the
diode exhibits very low reverse recovery time and stored
charge. It was designed for use in applications where power
efficiency is important, such as switching regulators,
switching converters, motor drivers, relay drivers, low-
voltage bus switches, and power management in portable
and battery-operated products.
Formerly developmental type TA75639.
Features
• 56A, 100V
• Simulation Models
- Temperature Compensated PSPICE® and SABER™
Electrical Models
- Spice and Saber Thermal Impedance Models
- www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUFA75639G3
TO-247
75639G
HUFA75639P3
TO-220AB
75639P
HUFA75639S3S
TO-263AB
75639S
NOTE: When ordering, use the entire part number. Add the suffix T to
obtain the TO-263AB variant in tape and reel, e.g., HUFA75639S3ST.
D
G
S
JEDEC STYLE TO-247
JEDEC TO-220AB
JEDEC TO-263AB
SOURCE
DRAIN
GATE
DRAIN
(TAB)
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
December 2001


Similar Part No. - HUFA75639S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75639S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com