Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRLR2905ZTR Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRLR2905ZTR
Description  Specifically designed for Automotive applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR2905ZTR Datasheet(HTML) 3 Page - International Rectifier

  AUIRLR2905ZTR Datasheet HTML 1Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 2Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 3Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 4Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 5Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 6Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 7Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 8Page - International Rectifier AUIRLR2905ZTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIRLR2905Z
www.irf.com
3
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions to AEC-Q101 requirements are noted in the qualification report.
Qualification Information
D-PAK
MSL1
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by
extension of the higher Automotive level.
Charged Device
Model
Class C5 (1125V)
AEC-Q101-005
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M2 (200V)
AEC-Q101-002
Human Body Model
Class H1B (1000V)
AEC-Q101-001


Similar Part No. - AUIRLR2905ZTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLR2905Z INFINEON-AUIRLR2905Z Datasheet
666Kb / 11P
   Ultra Low On-Resistance
2015-12-11
More results

Similar Description - AUIRLR2905ZTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
   Specifically designed for Automotive applications
IRLR3705Z IRF-IRLR3705Z Datasheet
286Kb / 11P
   Specifically designed for Automotive applications,this HEXFET Power MOSFET
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
Infineon Technologies A...
BGS15AN16BOARD INFINEON-BGS15AN16BOARD Datasheet
80Kb / 3P
   BGS15AN16 RF MOS switch is specifically designed for WCDMA diversity applications.
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com