Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR4620TR Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRFR4620TR
Description  Specifically designed for Automotive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR4620TR Datasheet(HTML) 2 Page - International Rectifier

  AUIRFR4620TR Datasheet HTML 1Page - International Rectifier AUIRFR4620TR Datasheet HTML 2Page - International Rectifier AUIRFR4620TR Datasheet HTML 3Page - International Rectifier AUIRFR4620TR Datasheet HTML 4Page - International Rectifier AUIRFR4620TR Datasheet HTML 5Page - International Rectifier AUIRFR4620TR Datasheet HTML 6Page - International Rectifier AUIRFR4620TR Datasheet HTML 7Page - International Rectifier AUIRFR4620TR Datasheet HTML 8Page - International Rectifier AUIRFR4620TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AUIRFR4620
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 1.0mH
RG = 25Ω, IAS = 15A, VGS =10V. Part not recommended for use
above this value .
ƒ ISD ≤ 15A, di/dt ≤ 634A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C
Static Electrical @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.23
––– V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
64
78
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
gfs
Forward Transconductance
37
–––
–––
S
RG(int)
Internal Gate Resistance
–––
2.6
–––
Ω
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
25
38
Qgs
Gate-to-Source Charge
–––
8.2
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
7.9
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
17
–––
td(on)
Turn-On Delay Time
–––
13.4
–––
tr
Rise Time
–––
22.4
–––
td(off)
Turn-Off Delay Time
–––
25.4
–––
tf
Fall Time
–––
14.8
–––
Ciss
Input Capacitance
–––
1710
–––
Coss
Output Capacitance
–––
125
–––
Crss
Reverse Transfer Capacitance
–––
30
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)hÖ––
113
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
317
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
78
–––
TJ = 25°C
VR = 100V,
–––
99
–––
TJ = 125°C
IF = 15A
Qrr
Reverse Recovery Charge
–––
294
–––
TJ = 25°C
di/dt = 100A/μs
f
–––
432
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
7.6
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 50V, ID = 15A
ns
nC
24
100
μA
nA
nC
ns
pF
A
–––
–––
–––
–––
ID = 15A
RG = 7.3Ω
VGS = 10V f
VDD = 130V
ID = 15A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 15A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 15A f
VDS = VGS, ID = 100μA
VDS = 200V, VGS = 0V
VDS = 200V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 100V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz (See Fig.5)
VGS = 0V, VDS = 0V to 160V h(See Fig.11)
VGS = 0V, VDS = 0V to 160V g
Conditions
ID = 15A
VGS = 20V
VGS = -20V


Similar Part No. - AUIRFR4620TR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFR4620TRL INFINEON-AUIRFR4620TRL Datasheet
632Kb / 10P
   AUTOMOTIVE GRADE
2015-12-1
More results

Similar Description - AUIRFR4620TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
IRLR3705Z IRF-IRLR3705Z Datasheet
286Kb / 11P
   Specifically designed for Automotive applications,this HEXFET Power MOSFET
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
Infineon Technologies A...
BGS15AN16BOARD INFINEON-BGS15AN16BOARD Datasheet
80Kb / 3P
   BGS15AN16 RF MOS switch is specifically designed for WCDMA diversity applications.
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com