Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR4620 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRFR4620
Description  Specifically designed for Automotive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR4620 Datasheet(HTML) 1 Page - International Rectifier

  AUIRFR4620 Datasheet HTML 1Page - International Rectifier AUIRFR4620 Datasheet HTML 2Page - International Rectifier AUIRFR4620 Datasheet HTML 3Page - International Rectifier AUIRFR4620 Datasheet HTML 4Page - International Rectifier AUIRFR4620 Datasheet HTML 5Page - International Rectifier AUIRFR4620 Datasheet HTML 6Page - International Rectifier AUIRFR4620 Datasheet HTML 7Page - International Rectifier AUIRFR4620 Datasheet HTML 8Page - International Rectifier AUIRFR4620 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
06/10/11
www.irf.com
1
HEXFET® Power MOSFET
S
D
G
AUIRFR4620
PD - 97681
VDSS
200V
RDS(on) typ.
64m:
max.
78m
:
ID
24A
Description
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to achieve
extremely low on-resistance per silicon area. Additional features of
this design are a 175°C junction operating temperature, fast switching
speed and improved repetitive avalanche rating . These features
combine to make this design an extremely efficient and reliable
device for use in Automotive applications and a wide variety of other
applications.
Features
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dV/dT Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Lead-Free, RoHS Compliant
Automotive Qualified *
AUTOMOTIVE GRADE
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured under
board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
GD
S
Gate
Drain
Source
D-Pak
AUIRFR4620
G
S
D
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally limited) d
mJ
IAR
Avalanche Current c
A
EAR
Repetitive Avalanche Energy c
mJ
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case j
–––
1.045
RθJA
Junction-to-Ambient (PCB Mount) i
–––
50
RθJA
Junction-to-Ambient
–––
110
Max.
24
17
100
144
54
-55 to + 175
± 20
0.96
113
See Fig. 14, 15, 22a, 22b,
°C/W
°C
300


Similar Part No. - AUIRFR4620

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFR4620 INFINEON-AUIRFR4620 Datasheet
632Kb / 10P
   AUTOMOTIVE GRADE
2015-12-1
AUIRFR4620TRL INFINEON-AUIRFR4620TRL Datasheet
632Kb / 10P
   AUTOMOTIVE GRADE
2015-12-1
More results

Similar Description - AUIRFR4620

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
IRLR3705Z IRF-IRLR3705Z Datasheet
286Kb / 11P
   Specifically designed for Automotive applications,this HEXFET Power MOSFET
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
Infineon Technologies A...
BGS15AN16BOARD INFINEON-BGS15AN16BOARD Datasheet
80Kb / 3P
   BGS15AN16 RF MOS switch is specifically designed for WCDMA diversity applications.
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com