Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C56ET1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BZX84C56ET1G
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C56ET1G Datasheet(HTML) 3 Page - ON Semiconductor

  BZX84C56ET1G Datasheet HTML 1Page - ON Semiconductor BZX84C56ET1G Datasheet HTML 2Page - ON Semiconductor BZX84C56ET1G Datasheet HTML 3Page - ON Semiconductor BZX84C56ET1G Datasheet HTML 4Page - ON Semiconductor BZX84C56ET1G Datasheet HTML 5Page - ON Semiconductor BZX84C56ET1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZX84CxxxET1G Series, SZBZX84CxxxET1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
Device*
Device
Marking
VZ1 (V)
@IZT1 =5mA
(Note 4)
ZZT1
(W)
@ IZT1
=
5 mA
VZ2 (V)
@IZT2 =1
mA
(Note 4)
ZZT2
(W)
@ IZT2
=
1 mA
VZ3 (V)
@IZT3=20 mA
(Note 4)
ZZT3
(W)
@
IZT3=
20 mA
Max
Reverse
Leakage
Current
qVZ
(mV/k)
@ IZT1=5 mA
C (pF)
@
VR = 0
f =
1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
(V)
IR
mA
@
Min
Max
BZX84C2V4ET1G
BA1
2.2
2.4
2.6
100
1.7
2.1
600
2.6
3.2
50
50
1.0
−3.5
0
450
BZX84C2V7ET1G
BA2
2.5
2.7
2.9
100
1.9
2.4
600
3.0
3.6
50
20
1.0
−3.5
0
450
BZX84C3V0ET1G
BA3
2.8
3.0
3.2
95
2.1
2.7
600
3.3
3.9
50
10
1.0
−3.5
0
450
BZX84C3V3ET1G
BA4
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5.0
1.0
−3.5
0
450
BZX84C3V6ET1G
BA5
3.4
3.6
3.8
90
2.7
3.3
600
3.9
4.5
40
5.0
1.0
−3.5
0
450
BZX84C3V9ET1G
BA6
3.7
3.9
4.1
90
2.9
3.5
600
4.1
4.7
30
3.0
1.0
−3.5 −2.5
450
BZX84C4V3ET1G
BA7
4.0
4.3
4.6
90
3.3
4.0
600
4.4
5.1
30
3.0
1.0
−3.5
0
450
BZX84C4V7ET1G
BA9
4.4
4.7
5.0
80
3.7
4.7
500
4.5
5.4
15
3.0
2.0
−3.5
0.2
260
BZX84C5V1ET1G
BB1
4.8
5.1
5.4
60
4.2
5.3
480
5.0
5.9
15
2.0
2.0
−2.7
1.2
225
BZX84C5V6ET1G
BB2
5.2
5.6
6.0
40
4.8
6.0
400
5.2
6.3
10
1.0
2.0
−2
2.5
200
BZX84C6V2ET1G
BB3
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3.0
4.0
0.4
3.7
185
BZX84C6V8ET1G
BB4
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2.0
4.0
1.2
4.5
155
BZX84C7V5ET1G
BB5
7.0
7.5
7.9
15
6.9
7.9
80
7.0
8.0
6
1.0
5.0
2.5
5.3
140
BZX84C8V2ET1G
BB6
7.7
8.2
8.7
15
7.6
8.7
80
7.7
8.8
6
0.7
5.0
3.2
6.2
135
BZX84C9V1ET1G
BB7
8.5
9.1
9.6
15
8.4
9.6
100
8.5
9.7
8
0.5
6.0
3.8
7.0
130
BZX84C10ET1G
BB8
9.4
10
10.6
20
9.3
10.6
150
9.4
10.7
10
0.2
7.0
4.5
8.0
130
BZX84C11ET1G
BB9
10.4
11
11.6
20
10.2
11.6
150
10.4
11.8
10
0.1
8.0
5.4
9.0
130
BZX84C12ET1G
BC1
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8.0
6.0
10
130
BZX84C13ET1G
BC2
12.4
13
14.1
30
12.3
14
170
12.5
14.2
15
0.1
8.0
7.0
11
120
BZX84C15ET1G
BC3
13.8
15
15.6
30
13.7
15.5
200
13.9
15.7
20
0.05
10.5
9.2
13
110
BZX84C16ET1G
BC4
15.3
16
17.1
40
15.2
17
200
15.4
17.2
20
0.05
11.2
10.4
14
105
BZX84C18ET1G
BC5
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
12.4
16
100
BZX84C20ET1G
BC6
18.8
20
21.2
55
18.7
21.1
225
18.9
21.4
20
0.05
14
14.4
18
85
BZX84C22ET1G
BC7
20.8
22
23.3
55
20.7
23.2
250
20.9
23.4
25
0.05
15.4
16.4
20
85
BZX84C24ET1G
BC8
22.8
24
25.6
70
22.7
25.5
250
22.9
25.7
25
0.05
16.8
18.4
22
80
Device*
Device
Marking
VZ1 Below
@IZT1 =2mA
ZZT1
Below
@ IZT1
=
2 mA
VZ2 Below
@IZT2 =
0.1 mA
ZZT2
Below
@ IZT4
=
0.5 mA
VZ3 Below
@IZT3 =10mA
ZZT3
Below
@ IZT3
=
10 mA
Max
Reverse
Leakage
Current
qVZ
(mV/k)
Below
@ IZT1 = 2
mA
C (pF)
@ VR
= 0
f =
1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
(V)
IR
mA
@
Min
Max
BZX84C27ET1G
BC9
25.1
27
28.9
80
25
28.9
300
25.2
29.3
45
0.05
18.9
21.4
25.3
70
BZX84C30ET1G
BD1
28
30
32
80
27.8
32
300
28.1
32.4
50
0.05
21
24.4
29.4
70
BZX84C33ET1G
BD2
31
33
35
80
30.8
35
325
31.1
35.4
55
0.05
23.1
27.4
33.4
70
BZX84C36ET1G
BD3
34
36
38
90
33.8
38
350
34.1
38.4
60
0.05
25.2
30.4
37.4
70
BZX84C39ET1G
BD4
37
39
41
130
36.7
41
350
37.1
41.5
70
0.05
27.3
33.4
41.2
45
BZX84C43ET1G
BK6
40
43
46
150
39.7
46
375
40.1
46.5
80
0.05
30.1
37.6
46.6
40
BZX84C47ET1G
BD5
44
47
50
170
43.7
50
375
44.1
50.5
90
0.05
32.9
42
51.8
40
BZX84C51ET1G
BD6
48
51
54
180
47.6
54
400
48.1
54.6
100
0.05
35.7
46.6
57.2
40
BZX84C56ET1G
BD7
52
56
60
200
51.5
60
425
52.1
60.8
110
0.05
39.2
52.2
63.8
40
BZX84C62ET1G
BD8
58
62
66
215
57.4
66
450
58.2
67
120
0.05
43.4
58.8
71.6
35
BZX84C68ET1G
BD9
64
68
72
240
63.4
72
475
64.2
73.2
130
0.05
47.6
65.6
79.8
35
BZX84C75ET1G
BE1
70
75
79
255
69.4
79
500
70.3
80.2
140
0.05
52.5
73.4
88.6
35
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C
* Include SZ-prefix devices where applicable.


Similar Part No. - BZX84C56ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C56ET1G ONSEMI-BZX84C56ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
January, 2012 ??Rev. 8
BZX84C56ET1G ONSEMI-BZX84C56ET1G Datasheet
172Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 10
More results

Similar Description - BZX84C56ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com