Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THJB105K016KJN0100 Datasheet(PDF) 3 Page - AVX Corporation

Part # THJB105K016KJN0100
Description  High Temperature Tantalum Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

THJB105K016KJN0100 Datasheet(HTML) 3 Page - AVX Corporation

  THJB105K016KJN0100 Datasheet HTML 1Page - AVX Corporation THJB105K016KJN0100 Datasheet HTML 2Page - AVX Corporation THJB105K016KJN0100 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
52
THJ Series
High Temperature Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
AVX
Case
Capacitance
Rated
DCL
DF
ESR
Part No.
Size
(μF)
Voltage
(μA)
%
Max. (
Ω)
(V)
Max.
Max.
@ 100 kHz
Voltage Rating
6.3 v @ 85°C (3 v @ 175°C) / J
THJA475*006#JN
A
4.7
6.3
0.5
6
6
THJA685*006#JN
A
6.8
6.3
0.5
4.5
2.6
THJA106*006#JN
A
10
6.3
0.6
4.5
2.2
THJB156*006#JN
B
15
6.3
0.9
6
2.5
THJB226*006#JN
B
22
6.3
1.4
6
2.5
THJB336*006#JN
B
33
6.3
1.9
6
2.2
THJC476*006#JN
C
47
6.3
3.0
6
1.6
THJC686*006#JN
C
68
6.3
4.3
6
1.5
THJD107*006#JN
D
100
6.3
6
4.5
0.4
THJD157*006#JN
D
150
6.3
9.5
6
0.9
Voltage Rating
10 v @ 85°C (5 v @ 175°C) / A
THJA335*010#JN
A
3.3
10
0.5
6
5.5
THJA475*010#JN
A
4.7
10
0.5
4.5
2.9
THJA685*010#JN
A
6.8
10
0.7
4.5
2.6
THJB106*010#JN
B
10
10
1
4.5
1.8
THJB156*010#JN
B
15
10
1.5
4.5
1.5
THJB226*010#JN
B
22
10
2.2
6
2.4
THJC336*010#JN
C
33
10
3.3
6
1.6
THJC476*010#JN
C
47
10
4.7
4.5
0.5
THJD686*010#JN
D
68
10
6.8
4.5
0.4
THJD107*010#JN
D
100
10
10
6
0.9
Voltage Rating
16 v @ 85°C (8 v @ 175°C) / C
THJA225*016#JN
A
2.2
16
0.5
6
6.5
THJA335*016#JN
A
3.3
16
0.5
6
5.0
THJA475*016#JN
A
4.7
16
0.8
4.5
2.9
THJB475*016#JN
B
4.7
16
0.8
6
3.5
THJA685*016#JN
A
6.8
16
1.1
6
3.5
THJB685*016#JN
B
6.8
16
1.1
6
2.5
THJB106*016#JN
B
10
16
1.6
6
2.8
THJB156*016#JN
B
15
16
2.4
6
2.0
THJC226*016#JN
C
22
16
3.5
6
1.6
THJC336*016#JN
C
33
16
5.3
6
1.5
THJD476*016#JN
D
47
16
7.5
6
0.9
THJD686*016#JN
D
68
16
10.9
4.5
0.9
AVX
Case
Capacitance
Rated
DCL
DF
ESR
Part No.
Size
(μF)
Voltage
(μA)
%
Max. (
Ω)
(V)
Max.
Max.
@ 100 kHz
Voltage Rating
20 v @ 85°C (10 v @ 175°C) / D
THJA155*020#JN
A
1.5
20
0.5
6
6.5
THJB335*020#JN
B
3.3
20
0.7
6
3
THJC156*020#JN
C
15
20
3.0
6
1.7
THJD336*020#JN
D
33
20
6.6
6
0.9
Voltage Rating
25 v @ 85°C (12 v @ 175°C) / E
THJA474*025#R
A
0.47
25
0.5
4
14
THJA684*025#JN
A
0.68
25
0.5
4
10
THJA105*025#JN
A
1.0
25
0.5
3
5.2
THJB225*025#JN
B
2.2
25
0.6
6
4.5
THJC685*025#JN
C
6.8
25
1.7
6
2
THJC106*025#JN
C
10
25
2.5
6
1.8
THJD226*025#JN
D
22
25
5.5
6
0.9
THJD336*025#JN
D
33
25
8.3
6
0.9
Voltage Rating
35 v @ 85°C (17 v @ 175°C) / V
THJA104*035#JN
A
0.1
35
0.5
4
24
THJA154*035#JN
A
0.15
35
0.5
4
21
THJA224*035#JN
A
0.22
35
0.5
4
18
THJA334*035#JN
A
0.33
35
0.5
4
15
THJB474*035#JN
B
0.47
35
0.5
4
10
THJB684*035#JN
B
0.68
35
0.5
4
8
THJA105*035#JN
A
1.0
35
0.5
4
7.5
THJB105*035#JN
B
1.0
35
0.5
4
6.5
THJC155*035#JN
C
1.5
35
0.5
6
4.5
THJC225*035#JN
C
2.2
35
0.8
6
3.5
THJC335*035#JN
C
3.3
35
1.2
6
2.5
THJC475*035#JN
C
4.7
35
1.6
6
2.2
THJD685*035#JN
D
6.8
35
2.4
6
1.3
THJD106*035#JN
D
10
35
3.5
6
1
THJD156*035#JN
D
15
35
5.3
6
0.9
THJD226*035#0300
D
22
35
7.7
6
0.3
THJD226*035#JN
D
22
35
7.7
6
0.6
THJE336*035#JN
E
33
35
11.6
6
0.5
Voltage Rating
50 v @ 85°C (25 v @ 150°C) / T
THJD475*050#JN
D
4.7
50
2.4
6
0.9
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
NOTE: AVX reserves the right to supply higher specification parts in the
same case size, to the same reliability standards.
# Standard Plating – Insert R for 7" reel and S for 13" reel
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead
– Insert H for 7" reel and K for 13" reel
For parametric information on development codes, please contact your
local AVX sales office.


Similar Part No. - THJB105K016KJN0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
THJA104K035RJN AVX-THJA104K035RJN Datasheet
113Kb / 3P
   High Temperature Tantalum Chip Capacitor
logo
Texas Instruments
THJE107K016AJH TI-THJE107K016AJH Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
THJE227K010AJH TI-THJE227K010AJH Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
logo
Vishay Siliconix
THJP VISHAY-THJP Datasheet
163Kb / 4P
   ThermaWickTM Thermal Jumper Surface Mount Chip
01-Jan-2022
THJP-0603A-BBS.T0 VISHAY-THJP-0603A-BBS.T0 Datasheet
163Kb / 4P
   ThermaWickTM Thermal Jumper Surface Mount Chip
01-Jan-2022
More results

Similar Description - THJB105K016KJN0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
THJA104K035RJN AVX-THJA104K035RJN Datasheet
113Kb / 3P
   High Temperature Tantalum Chip Capacitor
logo
Kemet Corporation
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com