Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT813ZI-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT813ZI-GT3
Description  uP Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT813ZI-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT813ZI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT813ZI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT705, CAT706, CAT813
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin Name
Function
MR
Manual Reset Input
VCC
Power Supply
GND
Ground
PFI
Power Fail voltage monitor Input
PFO
Power Fail Output
WDI
Watchdog Timer Input
RESET
CMOS Push−Pull Active Low Reset Output (CAT705 & CAT706)
RESET
CMOS Push−Pull Active High Reset Output (CAT813)
WDO
Watchdog Timer Output
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage
6.5
V
All other pins
−0.3 to (VCC + 0.3)
V
Output Current RESET, RESET, WDO
20
mA
Continuous Power Dissipations (TA = +70°C)
SOIC 8−lead (derate 5.9 mW/°C above +70°C)
MSOP 8−lead (derate 4.1 mW/°C above +70°C)
471
330
mW
Storage Temperature
−65 to 150
°C
Lead Soldering (10 seconds max)
+300
°C
ESD Rating: Human Body Model
2000
V
ESD Rating: Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VCC (TA = −40°C to +85°C)
1.0 to 5.5
V
All Other Pins
−0.1 to (VCC + 0.1)
V
Ambient Temperature
−40 to +85
°C


Similar Part No. - CAT813ZI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT813ZI-G CATALYST-CAT813ZI-G Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT813ZI-G ONSEMI-CAT813ZI-G Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com