Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBCP56-16T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SBCP56-16T3G
Description  NPN Silicon Epitaxial Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBCP56-16T3G Datasheet(HTML) 2 Page - ON Semiconductor

  SBCP56-16T3G Datasheet HTML 1Page - ON Semiconductor SBCP56-16T3G Datasheet HTML 2Page - ON Semiconductor SBCP56-16T3G Datasheet HTML 3Page - ON Semiconductor SBCP56-16T3G Datasheet HTML 4Page - ON Semiconductor SBCP56-16T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP56 Series, SBCP56 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
100
Vdc
Collector−Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
80
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector−Base Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
100
nAdc
Emitter−Base Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 5.0 mA, VCE = 2.0 V) All Part Types
(IC = 150 mA, VCE = 2.0 V)BCP56T1, SBCP56T1, SBCP56T3
BCP56−10T1, SBCP56−10T1
BCP56−16T1, SBCP56−16T1, SBCP56−16T3
(IC = 500 mA, VCE = 2.0 V)All Types
hFE
25
40
63
100
25
250
160
250
Collector−Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.5
Vdc
Base−Emitter On Voltage
(IC = 500 mAdc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 35 MHz)
fT
130
MHz
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2.0%
ORDERING INFORMATION
Device
Marking
Package
Shipping
BCP56T1G
BH
SOT−223
(Pb−Free)
1000 / Tape & Reel
SBCP56T1G
BCP56T3G
BH
SOT−223
(Pb−Free)
4000 / Tape & Reel
SBCP56T3G
BCP56−10T1G
BH−10
SOT−223
(Pb−Free)
1000 / Tape & Reel
SBCP56−10T1G
BCP56−16T1G
BH−16
SOT−223
(Pb−Free)
1000 / Tape & Reel
SBCP56−16T1G
BCP56−16T3G
BH−16
SOT−223
(Pb−Free)
4000 / Tape & Reel
SBCP56−16T3G
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - SBCP56-16T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBCP56-16T3G ONSEMI-SBCP56-16T3G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
More results

Similar Description - SBCP56-16T3G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com