Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP56T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCP56T1G
Description  NPN Silicon Epitaxial Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56T1G Datasheet(HTML) 1 Page - ON Semiconductor

  BCP56T1G Datasheet HTML 1Page - ON Semiconductor BCP56T1G Datasheet HTML 2Page - ON Semiconductor BCP56T1G Datasheet HTML 3Page - ON Semiconductor BCP56T1G Datasheet HTML 4Page - ON Semiconductor BCP56T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 8
1
Publication Order Number:
BCP56T1/D
BCP56 Series,
SBCP56 Series
NPN Silicon
Epitaxial Transistor
These NPN Silicon Epitaxial transistors are designed for use in
audio amplifier applications. The device is housed in the SOT−223
package, which is designed for medium power surface mount
applications.
Features
High Current: 1.0 A
The SOT−223 package can be soldered using wave or reflow. The
formed leads absorb thermal stress during soldering, eliminating the
possibility of damage to the die
Available in 12 mm Tape and Reel
Use BCP56T1 to Order the 7 inch/1000 Unit Reel
Use BCP56T3 to Order the 13 inch/4000 Unit Reel
PNP Complement is BCP53T1
AEC−Q101 Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Collector−Base Voltage
VCBO
100
Vdc
Emitter−Base Voltage
VEBO
5
Vdc
Collector Current
IC
1
Adc
Total Power Dissipation
@ TA = 25°C (Note 1)
Derate above 25°C
PD
1.5
12
W
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
(surface mounted)
RqJA
83.3
°C/W
Maximum Temperature for
Soldering Purposes
Time in Solder Bath
TL
260
10
°C
Sec
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a FR−4 glass epoxy printed circuit board 1.575 in x
1.575 in x 0.0625 in; mounting pad for the collector lead = 0.93 sq in.
SOT−223
CASE 318E
STYLE 1
MARKING DIAGRAM
COLLECTOR 2,4
BASE
1
EMITTER 3
MEDIUM POWER NPN SILICON
HIGH CURRENT TRANSISTOR
SURFACE MOUNT
1
2
3
4
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
AYW
xxxxxG
G
xx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - BCP56T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP56T1G ONSEMI-BCP56T1G Datasheet
160Kb / 6P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 8
BCP56T1G ONSEMI-BCP56T1G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
logo
FuxinSemi All Rights Re...
BCP56T1G FUXINSEMI-BCP56T1G Datasheet
594Kb / 3P
   TRANSISTOR (NPN)
Ver2.1
More results

Similar Description - BCP56T1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com