Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA121R3 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HMA121R3
Description  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA121R3 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HMA121R3 Datasheet HTML 2Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 3Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 4Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 5Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 6Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 7Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 8Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 9Page - Fairchild Semiconductor HMA121R3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 7 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
MARKING INFORMATION
ORDERING INFORMATION
Option
Description
V
VDE Approved
R1
Tape and Reel (500 units)
R2
Tape and Reel (2500 units)
R3
Tape and Reel (500 units; unit 180° rotated)
R4
Tape and Reel (2500 units; unit 180° rotated)
R1V
Tape and Reel (500 units) and VDE Approved
R2V
Tape and Reel (2500 units) and VDE Approved
R3V
Tape and Reel (500 units; unit 180° rotated) and VDE Approved
R4V
Tape and Reel (2500 units; unit 180° rotated) and VDE Approved
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
121
X
VM
YY


Similar Part No. - HMA121R3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Littelfuse
HMA251-73 LITTELFUSE-HMA251-73 Datasheet
455Kb / 4P
   H/I-Series
HMA251-78 LITTELFUSE-HMA251-78 Datasheet
455Kb / 4P
   H/I-Series
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Similar Description - HMA121R3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com