Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33761SNT1-028G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33761SNT1-028G
Description  Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761SNT1-028G Datasheet(HTML) 5 Page - ON Semiconductor

  MC33761SNT1-028G Datasheet HTML 1Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 2Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 3Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 4Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 5Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 6Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 7Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 8Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC33761
http://onsemi.com
5
CHARACTERIZATION CURVES
All curves taken with Vin = Vout + 1.0 V, Vout = 2.8 V, Cout = 1.0 mF
25
°C
−40
°C
25
°C
85
°C
Figure 2. Ground Current versus
Output Current
Figure 3. Quiescent Current versus
Temperature
Figure 4. Dropout versus Output Current
Figure 5. Output Voltage versus
Output Current
OUTPUT CURRENT (mA)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
100
80
60
0
AMBIENT TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
−60
180
175
170
165
0.5
0
185
40
20
OUTPUT CURRENT (mA)
200
150
100
50
100
80
60
0
OUTPUT CURRENT (mA)
100
80
60
40
20
0
2.800
2.795
2.790
2.775
0
2.805
40
20
2.785
2.780
Figure 6. Dropout versus Temperature
TEMPERATURE (
°C)
180
160
120
100
60
40
100
80
60
−60
20
0
0
−20
80
140
−40
40
20
−40
°C
25
°C
85
°C
−40
°C
85
°C
40
°C
−20
°C
0
°C
1.0 mA
30 mA
60 mA
80 mA


Similar Part No. - MC33761SNT1-028G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33761SNT1-25 ONSEMI-MC33761SNT1-25 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-28 ONSEMI-MC33761SNT1-28 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-29 ONSEMI-MC33761SNT1-29 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-30 ONSEMI-MC33761SNT1-30 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-50 ONSEMI-MC33761SNT1-50 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
More results

Similar Description - MC33761SNT1-028G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
logo
New Japan Radio
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com