Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC120614D300 Datasheet(PDF) 8 Page - AVX Corporation

Part # VC120614D300
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC120614D300 Datasheet(HTML) 8 Page - AVX Corporation

  VC120614D300 Datasheet HTML 1Page - AVX Corporation VC120614D300 Datasheet HTML 2Page - AVX Corporation VC120614D300 Datasheet HTML 3Page - AVX Corporation VC120614D300 Datasheet HTML 4Page - AVX Corporation VC120614D300 Datasheet HTML 5Page - AVX Corporation VC120614D300 Datasheet HTML 6Page - AVX Corporation VC120614D300 Datasheet HTML 7Page - AVX Corporation VC120614D300 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
VOLTAGES = 18, 26, 30, 48 OR 60 VDC
1210 SURFACE MOUNT
Dimensions:
Actual Size:
Length
3.20 ± 0.2mm (0.126" ± 0.008")
Width
2.49 ± 0.2mm (0.098" ± 0.008")
Thickness
1.70mm Max. (0.067")
Land Length
0.71mm Max. (0.028")
Termination Finish
Pt/Pd/Ag
AVX
Working
Breakdown
Clamping
Peak
Transient
Part Number
Voltage
Voltage
Voltage
Current
Energy
Capacitance
Inductance
Symbol
V
WM
V
B
V
C
I
peak
E
trans
CL
Units
Volts
Volts
Volts
Amp
Joules
pF
nH
(max.)
(max.)
(max.)
(max.)
(typ.)
(typ.)
Test Condition
<50µA
1mA DC
8/20µS†
8/20µs
10/1000µS
0.5Vrms @:
di/dt = 100mA/nS
1kHz
1 MHz
VC121018J390
18*
21.5 - 26.5
39
500
1.5
3100
2400
2.0
VC121026H560
26
29.7 - 36.3
56
300
1.2
2150
1675
2.0
VC121030G620
30
35.0 - 43.0
62
220
0.9
1900
1530
2.0
VC121030H620
30
35.0 - 43.0
62
280
1.2
1975
1575
2.0
VC121048G101
48
54.5 - 66.5
100
220
0.9
500
430
2.0
VC121048H101
48
54.5 - 66.5
100
250
1.2
525
450
2.0
VC121060J121
60
67.0 - 83.0
120
250
1.5
450
375
2.0
V
WM—Maximum steady-state DC operating voltage the varistor can maintain and not exceed 50µA leakage current
V
B—Voltage across the device measured at 1mA DC current
V
C—Maximum peak voltage across the varistor measured at a specified pulse current and waveform
†Transient Energy Rating
Pulse Current & Waveform
≥0.4 Joules
10A 8/20µS
I
peak—Maximum peak current which may be applied with the specified waveform without device failure
E
tran—Maximum energy which may be dissipated with the specified waveform without device failure
C—Device capacitance measured with zero volt bias 0.5Vrms and 1kHz
L—Device inductance measured with a current edge rate of 100 mA/nS
*Withstands 24.5 VDC for 5 minutes (automotive applications)
Dimensions: Millimeters (Inches)


Similar Part No. - VC120614D300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120614D300 AVX-VC120614D300 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300 AVX-VC120614D300 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300 AVX-VC120614D300 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300 AVX-VC120614D300 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300 AVX-VC120614D300 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC120614D300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com