Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75545P3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HUFA75545P3
Description  75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75545P3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HUFA75545P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75545P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75545P3, HUFA75545S3S Rev. B
SPICE Thermal Model
REV
21 May 1999
HUFA75545T
CTHERM1 th 6 6.4e-3
CTHERM2 6 5 3.0e-2
CTHERM3 5 4 1.4e-2
CTHERM4 4 3 1.6e-2
CTHERM5 3 2 5.5e-2
CTHERM6 2 tl 1.5
RTHERM1 th 6 3.2e-3
RTHERM2 6 5 8.1e-3
RTHERM3 5 4 2.3e-2
RTHERM4 4 3 1.3e-1
RTHERM5 3 2 1.8e-1
RTHERM6 2 tl 3.8e-2
SABER Thermal Model
SABER thermal model HUFA75545T
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 6.4e-3
ctherm.ctherm2 6 5 = 3.0e-2
ctherm.ctherm3 5 4 = 1.4e-2
ctherm.ctherm4 4 3 = 1.6e-2
ctherm.ctherm5 3 2 = 5.5e-2
ctherm.ctherm6 2 tl = 1.5
rtherm.rtherm1 th 6 = 3.2e-3
rtherm.rtherm2 6 5 = 8.1e-3
rtherm.rtherm3 5 4 = 2.3e-2
rtherm.rtherm4 4 3 = 1.3e-1
rtherm.rtherm5 3 2 = 1.8e-1
rtherm.rtherm6 2 tl = 3.8e-2
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUFA75545P3, HUFA75545S3S


Similar Part No. - HUFA75545P3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
HUFA75545P3 ISC-HUFA75545P3 Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - HUFA75545P3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75545P3 FAIRCHILD-HUF75545P3 Datasheet
270Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
HUF75852G3 FAIRCHILD-HUF75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com