Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THJB105M066SJN0100 Datasheet(PDF) 1 Page - AVX Corporation

Part # THJB105M066SJN0100
Description  High Temperature Tantalum Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

THJB105M066SJN0100 Datasheet(HTML) 1 Page - AVX Corporation

  THJB105M066SJN0100 Datasheet HTML 1Page - AVX Corporation THJB105M066SJN0100 Datasheet HTML 2Page - AVX Corporation THJB105M066SJN0100 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50
THJ Series
High Temperature Tantalum Chip Capacitor
The THJ surface mount series combines
high temperature operation and higher
basic reliability for optimal performance
in high temperature automotive and
industry applications. The operational
temperature is up to +175°C with
50% voltage derating. The level of
reliability of this tantalum product is
0.5% / 1000 hours at rated voltage,
rated temperature and 0.1
Ω/volt circuit
impedance. The capacitors are pro-
duced in black encapsulation with white
polarity
marking.
The
THJ
series
encompasses the 4 case sizes with
dimensions identical to TAJ standard
series. The voltage range available
today is 6.3V to 50V.
CASE DIMENSIONS: millimeters (inches)
Code
EIA
L±0.20 (0.008)
W+0.20 (0.008) H±0.20 (0.008)
W
1
A+0.30 (0.012)
S Min.
Code
-0.10 (0.004)
-0.10 (0.004)
±0.20 (0.008)
-0.20 (0.008)
A
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1 µF to 150 µF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (V
R)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C
4
7
10
13
17
23
33
+175°C
3
5
8
10
12
17
25
Surge Voltage (V
s)
+85°C
8
13
20
26
32
46
65
+125°C
5
8
13
16
20
28
40
+175°C
4
6
10
12
15
21
30
Temperature Range:
Up to 175°C with 50% voltage derating.
Reliability:
0.5% per 1000 hours at 85°C, V
R with 0.1
Ω/V series impedance,
60% confidence level, 3.5 Fits at 40°C, 0.5V
R
Termination Finish:
Sn Plating (standard), Gold Plating available on request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
For part marking see page 175
HOW TO ORDER
THJ
Type
B
Case Size
See table
above
105
Capacitance Code
pF code: 1st two
digits represent
significant figures
3rd digit represents
multiplier (number of
zeros to follow)
*
Tolerance
K=±10%
M=±20%
035
Rated DC Voltage
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
R
Packaging
R = 7" T/R Lead Free
S = 13" T/R Lead Free
A = Gold Plating 7" Reel
B = Gold Plating 13" Reel
H = Tin Lead 7" Reel
K = Tin Lead 13" Reel
JN
Additional
characters may be
added for special
requirements
0100
Maximum ESR
in milliohms


Similar Part No. - THJB105M066SJN0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
THJA104K035RJN AVX-THJA104K035RJN Datasheet
113Kb / 3P
   High Temperature Tantalum Chip Capacitor
logo
Texas Instruments
THJE107K016AJH TI-THJE107K016AJH Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
THJE227K010AJH TI-THJE227K010AJH Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
logo
Vishay Siliconix
THJP VISHAY-THJP Datasheet
163Kb / 4P
   ThermaWickTM Thermal Jumper Surface Mount Chip
01-Jan-2022
THJP-0603A-BBS.T0 VISHAY-THJP-0603A-BBS.T0 Datasheet
163Kb / 4P
   ThermaWickTM Thermal Jumper Surface Mount Chip
01-Jan-2022
More results

Similar Description - THJB105M066SJN0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
THJA104K035RJN AVX-THJA104K035RJN Datasheet
113Kb / 3P
   High Temperature Tantalum Chip Capacitor
logo
Kemet Corporation
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com