Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLCL226M004A Datasheet(PDF) 2 Page - AVX Corporation

Part # TLCL226M004A
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCL226M004A Datasheet(HTML) 2 Page - AVX Corporation

  TLCL226M004A Datasheet HTML 1Page - AVX Corporation TLCL226M004A Datasheet HTML 2Page - AVX Corporation TLCL226M004A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
13
TLC
Type
L
Case Size
See table
above
226
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M=±20%
006
Rated DC Voltage
003=3Vdc
004=4Vdc
002=2Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
HOW TO ORDER
RTA
Packaging
See table
above
PACKAGING SUFFIX/QUANTITY
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.47 μF to 220 μF
Capacitance Tolerance:
±20%
Rated Voltage (V
R)
-55°C
≤ +40°C:
2
3
4
6.3
10
16
20
25
35
Category Voltage (V
C)
at 85°C:
1
1.5
2
3.2
5.0
8.0
10.0
12.5
17.5
Category Voltage (V
C)
at 125°C:
0.4
0.6
0.8
1.3
2.0
3.2
4.0
5.0
7.0
Temperature Range:
-55°C to +125°C with category voltage
Reliability:
0.2% per 1000 hours at 85°C, 0.5xV
R with 0.1
Ω/V series impedance with
60% confidence level
TECHNICAL SPECIFICATIONS
Case Size
Standard Tin Termination
Gold Termination
Tape Type/Width
414 inch Reel
7 inch Reel
414 inch Reel
7 inch Reel
A
XTA / 500
RTA / 2,000
FTA / 500
ATA / 2,000
Plastic / 8mm
H
XTA / 500
RTA / 3,500
FTA / 500
ATA / 3,500
Plastic / 8mm
J
XTA / 500
RTA / 3,500
FTA / 500
ATA / 3,500
Plastic / 8mm
K
QTA / 1,000
PTA / 10,000
Plastic / 8mm
L
XTA / 500
RTA / 3,500
FTA / 500
ATA / 3,500
Plastic / 8mm
M
XTA / 500
RTA / 2,500
FTA / 500
ATA / 2,500
Plastic / 8mm
R
XTA / 500
RTA / 2,500
FTA / 500
ATA / 2,500
Plastic / 8mm
T
XTA / 500
RTA / 2,500
FTA / 500
ATA / 2,500
Plastic / 8mm
U
XTA / 500
RTA / 3,500
FTA / 500
ATA / 3,500
Plastic / 8mm
V
XTA / 500
RTA / 2,500
FTA / 500
ATA / 2,500
Plastic / 8mm
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5 RMS with
DC bias of 1.5V. DCL is measured at rated voltage after
5 minutes.
ESR allowed to move up to 1.25 times catalog limit post
mounting.
DCL allowed to move up to 2.00 times catalog limit post
mounting.
NOTE: AVX reserves the right to supply a higher voltage
rating in the same case size, to the same reliability
standards.
Voltage vs Temperature Rating
100%
100%
33%
67%
50%
20%
80%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
40°C
0°C
60°C
85°C
125°C
105°C
rated range
recommended derating


Similar Part No. - TLCL226M004A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006TA AVX-TLCL226M006TA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
More results

Similar Description - TLCL226M004A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com