Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75429D3S Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HUFA75429D3S
Description  N-Channel UltraFET MOSFETs 60V, 20A, 25m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75429D3S Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HUFA75429D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 9Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 10Page - Fairchild Semiconductor HUFA75429D3S Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A
SPICE Thermal Model
REV 23 February 2002
HUFA75429D3S
CTHERM1 TH 6 2.49e-3
CTHERM2 6 5 7.6e-3
CTHERM3 5 4 7.8e-3
CTHERM4 4 3 8e-3
CTHERM5 3 2 1.3e-2
CTHERM6 2 TL 7.52e-2
RTHERM1 TH 6 6e-3
RTHERM2 6 5 1.4e-2
RTHERM3 5 4 9e-2
RTHERM4 4 3 1.8e-1
RTHERM5 3 2 3.1e-1
RTHERM6 2 TL 3.35e-1
SABER Thermal Model
SABER thermal model HUFA75429D3S
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 =2.49e-3
ctherm.ctherm2 6 5 =7.6e-3
ctherm.ctherm3 5 4 =7.8e-3
ctherm.ctherm4 4 3 =8e-3
ctherm.ctherm5 3 2 =1.3e-2
ctherm.ctherm6 2 tl =7.52e-2
rtherm.rtherm1 th 6 =6e-3
rtherm.rtherm2 6 5 =1.4e-2
rtherm.rtherm3 5 4 =9e-2
rtherm.rtherm4 4 3 =1.8e-1
rtherm.rtherm5 3 2 =3.1e-1
rtherm.rtherm6 2 tl =3.35e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE


Similar Part No. - HUFA75429D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75433S3S FAIRCHILD-HUFA75433S3S Datasheet
301Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 64A, 16m?
HUFA75433S3ST FAIRCHILD-HUFA75433S3ST Datasheet
301Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 64A, 16m?
More results

Similar Description - HUFA75429D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA75433S3S FAIRCHILD-HUFA75433S3S Datasheet
301Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 64A, 16m?
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75329D3 INTERSIL-HUF75329D3 Datasheet
127Kb / 9P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3 INTERSIL-HUF75321D3 Datasheet
129Kb / 9P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75329D3 FAIRCHILD-HUFA75329D3 Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com