Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75344S3S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HUFA75344S3S
Description  75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75344S3S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HUFA75344S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75344S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
HUFA75344G3, HUFA75344P3, HUFA75344S3S, HUFA75344S3 Rev. B1
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 75A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 75A, dISD/dt = 100A/µs-
-
105
ns
Reverse Recovered Charge
QRR
ISD = 75A, dISD/dt = 100A/µs
-
-
210
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
175
TC, CASE TEMPERATURE (
oC)
20
40
60
80
50
75
100
125
150
175
0
25
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
10-4
10-3
10-2
10-1
100
101
10-5
0.1
1
2
0.01
HUFA75344G3, HUFA75344P3, HUFA75344S3S


Similar Part No. - HUFA75344S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75344S3S FAIRCHILD-HUFA75344S3S Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75344S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com