Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF3BA-60D-2.54R Datasheet(PDF) 1 Page - Hirose Electric

Part # HIF3BA-60D-2.54R
Description  Ribbon Cable connector Compliant with MIL Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF3BA-60D-2.54R Datasheet(HTML) 1 Page - Hirose Electric

  HIF3BA-60D-2.54R Datasheet HTML 1Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 2Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 3Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 4Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 5Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 6Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 7Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 8Page - Hirose Electric HIF3BA-60D-2.54R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
B15
Ribbon Cable connector Compliant with MIL Standard
HIF3B Series
sFeatures
1. Product Compliant with MIL Standard
HIF3B series has been developed as a product compliant with MIL
standard, and used for wide applications.
2. UL Approval Product
HIF3B series connectors are UL approved.
3. Mechanism to Prevent Mis-insertion
This connector is equipped with the mechanism to prevent Mis-
insertion as follows.
1 The system provides the convex area to insert the guide-key on the
pin header side, and to guide it in combination with the socket
convex area (MIL standard).
2 The system embeds and guides the polarizing key in the socket holes.
4. Applicable Cable AWG#28
The applicable cable is UL2651 AWG#28 flat cable (7 cores./
0.127mm, jacket dia. 0.9±0.1mm).
sProduct Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Note 4: Please note that there is a risk of deforming the lock when an excessive load is applied to the inside.
Rating
Current rating : 1A
Operating Temperature Range : –55 to +85ç (Note 1) Storage Temperature Range : –10 to +60ç (Note 2)
Voltage rating : 200V AC Operating Moisture Range : 40 to 80%
Storage Humidity Range : 40 to 70% (Note 2)
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
15m ohms max.
0.1A
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Insulation resistance: 1000M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
No damage, cracks, or parts looseness.
(-55ç: 30 minutes ➝ 15 to 35ç: 5 minutes max.
125ç: 30 minutes ➝ 15 to 35ç: 5 minutes max.) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 15m ohms max.
500 cycles
8. Resistance to Soldering heat No deformation of components affecting performance.
Solder bath: 260ç for 10 seconds
Manual soldering: 360ç for 5 seconds
sMaterial
Part
Material
Finish
Remarks
Insulator
PBT
Black
UL94V-0
Socket Contact
Beryllium copper
Connection area
Gold plated
–––––––
Pin header contact
Brass
Selective Gold plated
–––––––


Similar Part No. - HIF3BA-60D-2.54R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3BA-60D-2.54R HIROSE-HIF3BA-60D-2.54R Datasheet
790Kb / 29P
   Ribbon Cable connector Compliant with MIL Standard
More results

Similar Description - HIF3BA-60D-2.54R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3B HIROSE-HIF3B Datasheet
790Kb / 29P
   Ribbon Cable connector Compliant with MIL Standard
HIF3BA-6D-2.54R HIROSE-HIF3BA-6D-2.54R Datasheet
865Kb / 7P
   Ribbon Cable connector Compliant with MIL Standard
logo
List of Unclassifed Man...
HIF3BA-20D-254C ETC-HIF3BA-20D-254C Datasheet
693Kb / 29P
   Ribbon Cable connector Compliant with MIL Standard
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
   Compliant with DALI Standard
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
EUROQUARTZ limited
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com