Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH33MHJ-65S-0.4SH Datasheet(PDF) 3 Page - Hirose Electric

Part # FH33MHJ-65S-0.4SH
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33MHJ-65S-0.4SH Datasheet(HTML) 3 Page - Hirose Electric

  FH33MHJ-65S-0.4SH Datasheet HTML 1Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 2Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 3Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 4Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 5Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 6Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 7Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 8Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FH33 Seriesq0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
0.15
D±0.1
G
∞Number of contacts
T
B
A±0.15
(C: FPC insertion slot dimension)
(0.15)
(0.15)
F
Number of contacts indicator
Polarizing mark indicator
A**
Lot No. indicator
G
3
12
12
0
0.5±0.1
(1.1)
1.73±0.2
2.2±0.15
0.55±0.1
0.3
+0.15
– 0.1
0.25±0.1
0.15MAX
0.15MAX
a
0
sConnector Dimensions
Notes
The coplanarity of each terminal lead is within 0.1 max.
The contact terminal lead position indicates the dimension
from the bottom a surface of the insulator body.
Difference of each terminal lead is within 0.1 max.
Slight variations in color of the plastic compounds do not
affect form, fit or function of the connector.
After reflow, the terminal plating may change color, however
this does not represent a quality issue.
1
2
3
4
5
6
Unit: mm
Note 1: (**) : Plating specification. Refer to ordering information.
Note 2: Tape-and-reel packaging (5,000 pieces/reel).
Order by number of reels.
Part Number
FH33-6S-0.5SH (**)
FH33-9S-0.5SH (**)
FH33-10S-0.5SH (**)
FH33-12S-0.5SH (**)
FH33-14S-0.5SH (**)
FH33-19S-0.5SH (**)
FH33-20S-0.5SH (**)
FH33-26S-0.5SH (**)
FH33-28S-0.5SH (**)
FH33-30S-0.5SH (**)
FH33-32S-0.5SH (**)
FH33-36S-0.5SH (**)
FH33-40S-0.5SH (**)
FH33-45S-0.5SH (**)
FH33M-16S-0.4SH (**)
FH33J-4S-0.5SH (**)
FH33J-10S-0.5SH (**)
FH33J-12S-0.5SH (**)
FH33J-16S-0.5SH (**)
FH33J-18S-0.5SH (**)
FH33J-19S-0.5SH (**)
FH33J-40S-0.5SH (**)
FH33MHJ-65S-0.4SH (**)
580-1301-1-**
580-1303-7-**
580-1304-0-**
580-1302-4-**
580-1305-2-**
580-1307-8-**
580-1317-1-**
580-1306-5-**
580-1300-9-**
580-1312-8-**
580-1310-2-**
580-1311-5-**
580-1308-0-**
580-1316-9-**
580-1319-7-**
580-1329-0-**
580-1324-7-**
580-1328-8-**
580-1331-2-**
580-1334-0-**
580-1332-5-**
580-1330-0-**
580-1325-0-**
6
9
10
12
14
19
20
26
28
30
32
36
40
45
16
4
10
12
16
18
19
40
65
5
6.5
7
8
9
11.5
12
15
16
17
18
20
22
24.5
8.3
4
7
8
10
11
11.5
22
27.9
2.5
4
4.5
5.5
6.5
9
9.5
12.5
13.5
14.5
15.5
17.5
19.5
22
6
1.5
4.5
5.5
7.5
8.5
9
19.5
25.6
3.57
5.07
5.57
6.57
7.57
10.07
10.57
13.57
14.57
15.57
16.57
18.57
20.57
23.07
6.87
2.57
5.57
6.57
8.57
9.57
10.07
20.57
26.47
4.35
5.85
6.35
7.35
8.35
10.85
11.35
14.35
15.35
16.35
17.35
19.35
21.35
23.85
7.65
3.35
6.35
7.35
9.35
10.35
10.85
21.35
27.25
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.4
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.4
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.95
CL No.
Number of Contacts
A
B
C
D
T
U
F
q0.4mm pitch, 0.5mm pitch type


Similar Part No. - FH33MHJ-65S-0.4SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33MHJ-65S-0.4SH HIROSE-FH33MHJ-65S-0.4SH Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33MHJ-65S-0.4SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com