Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF3BA-40D-2.54R Datasheet(PDF) 9 Page - Hirose Electric

Part # HIF3BA-40D-2.54R
Description  Ribbon Cable connector Compliant with MIL Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF3BA-40D-2.54R Datasheet(HTML) 9 Page - Hirose Electric

Back Button HIF3BA-40D-2.54R Datasheet HTML 5Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 6Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 7Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 8Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 9Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 10Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 11Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 12Page - Hirose Electric HIF3BA-40D-2.54R Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
B23
HIF3B SeriesqRibbon Cable connector Compliant with MIL Standard
sFour Wall Wrapping Type
BPCB mounting pattern
Note 1, Note 2. The number of polarizing slot and key installed positions
changes according to products. Refer to the list as shown below.
Note 3. The spacer moves to the right according to the number of
contacts.
Note 4. The 10, 50, 60 and 64 contact connectors consists of two types.
Use products, confirming (Note 1) (Note 2).
Note 5. The mark * indicates the number of contacts.
Note 6. The nut built-in specification product is also provided.
The product can be fixed by M2 screws from the rear side.
Use the screw of (board thickness) +4 mm under the neck.
sn=number of contacts
Unit:mm
5
5
5
5
5
5
5
5
5
5
5
5
5
5
The products marked with 5 comply with MIL standard.
CL No.
Part Number
610-0503-8
610-0492-3
610-0493-6
610-0494-9
610-0495-1
610-0496-4
610-0497-7
610-0498-0
610-0499-2
610-0504-0
610-0500-0
610-0505-3
610-0501-2
610-0506-6
610-0502-5
HIF3BA-10P-2.54W
HIF3BD-10P-2.54W
HIF3BA-14P-2.54W
HIF3BA-16P-2.54W
HIF3BA-20P-2.54W
HIF3BA-26P-2.54W
HIF3BA-30P-2.54W
HIF3BA-34P-2.54W
HIF3BA-40P-2.54W
HIF3BA-50P-2.54W
HIF3BB-50P-2.54W
HIF3BA-60P-2.54W
HIF3BB-60P-2.54W
HIF3BA-64P-2.54W
HIF3BB-64P-2.54W
Number of Contacts
10
10
14
16
20
26
30
34
40
50
50
60
60
64
64
A
32.0
32.0
37.1
39.6
44.7
52.3
57.4
62.5
70.1
82.8
82.8
95.5
95.5
100.6
100.6
B
17.5
17.5
22.6
25.1
30.2
37.8
42.9
48.0
55.6
68.3
68.3
81.0
81.0
86.1
86.1
C
10.16
10.16
15.24
17.78
22.86
30.48
35.56
40.64
48.26
60.96
60.96
73.66
73.66
78.74
78.74
E
21.8
21.8
26.9
29.5
34.5
42.2
47.2
52.3
59.9
72.6
72.6
85.3
85.3
90.4
90.4
27.9
27.9
33.0
35.5
40.6
48.3
53.3
58.4
66.0
78.7
78.7
91.4
91.4
96.5
96.5
F
Polarizing Slot
(Note 1)
None
One at center
One on right and left sides, resp.
One at center
One on right and left sides, resp.
One at center
One on right and left sides, resp.
One at center
Polarizing Key Install
(Note 2)
RoHS
One on right side
None
One on right side
One on right and
left sides, resp.
YES
D
28.14
MAX51.1
28.14
MAX51.1
33.24
MAX56.2
35.74
MAX58.7
40.84
MAX63.8
48.44
MAX71.4
53.54
MAX76.5
58.64
MAX81.6
66.24
MAX89.2
78.94
MAX101.9
78.94
MAX101.9
91.64
MAX114.6
91.64
MAX114.6
96.74
MAX119.7
96.74
MAX119.7


Similar Part No. - HIF3BA-40D-2.54R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3BA-40D-2.54R HIROSE-HIF3BA-40D-2.54R Datasheet
790Kb / 29P
   Ribbon Cable connector Compliant with MIL Standard
HIF3BA-40D-2.54R-CL21 HIROSE-HIF3BA-40D-2.54R-CL21 Datasheet
239Kb / 5P
   Cover (HIF3B Series) against EMI (Electromagnetic Interference)
More results

Similar Description - HIF3BA-40D-2.54R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3B HIROSE-HIF3B Datasheet
790Kb / 29P
   Ribbon Cable connector Compliant with MIL Standard
HIF3BA-6D-2.54R HIROSE-HIF3BA-6D-2.54R Datasheet
865Kb / 7P
   Ribbon Cable connector Compliant with MIL Standard
logo
List of Unclassifed Man...
HIF3BA-20D-254C ETC-HIF3BA-20D-254C Datasheet
693Kb / 29P
   Ribbon Cable connector Compliant with MIL Standard
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
   Compliant with DALI Standard
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
EUROQUARTZ limited
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com