Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


H-MS3057-12A73 Datasheet(PDF) 1 Page - Hirose Electric

Part No. H-MS3057-12A73
Description  MS type Lower Profile Plug
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

 
 1 page
background image
1
MS type Lower Profile Plug
H/MS Series
NEW
2004.6
sFeatures
1. 20% Height Reduction
When compared with existing H/MS Series connectors
the overall height of plug assemblies is lower, allowing it
to be used in space constrained applications.
2. Cable Exit in 360° Directions
The cable can exit in any of the 8 fixed direction, in 45°
increments.
3. Simple Assembly
The 2-piece design consisting of the contact/insulator
assembly and the back-shell assembly allows termination
without the use of any specialized tools.
4. Water and Dust Protection
IP 67 rating when fully terminated and mated with
corresponding part.
5. TUV Certification
Provided with a protective circuit function for TUV
certification. The (D) pin is directly connected to the
outside metal case.
sApplications
Factory automation equipment, robotic equipment, servo
motors, and a wide variety of industrial and measuring
instruments.
Plug
(45°)
Can be changed
in 45 degree increments
Connector Height Comparison
Existing MS Connector
Lower-profile Plug
22-22 Size
Cable Exit Direction of 360°
Circular connector conforming to MIL-C-5015
PAT.P
50.1mm
45.5mm
48.2mm
53.2mm
Existing MS Connector
Lower-profile Plug
18-10 Size
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl