Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXC8-PW35-0000 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # MXC8-PW35-0000
Description  High efficacy for sustainable design Compact 3535 2D package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXC8-PW35-0000 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  MXC8-PW35-0000 Datasheet HTML 1Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 2Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 3Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 4Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 5Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 6Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 7Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 8Page - Lumileds Lighting Company MXC8-PW35-0000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LUXEON 3535 2D Datasheet DS204 20130530 ©2013 Philips Lumileds Lighting Company.
3
Product Selection
Product Selection for Mid-Power LEDs
Solder Pad Temperature = 25°C,Test Current = 100 mA
Table 1.
Nominal
CCT
Part
Number
Color Rendering Index
Minimum Luminous
Flux (lm)
ɸ
V
Typical Luminous
Flux (lm)
ɸ
V
Ra (Min)
Ra (Typ)
R9 (Typ)
2700K
MXC8-PW27-0000
80
82
R9>0
55
65
3000K
MXC8-PW30-0000
80
82
R9>0
55
66
3500K
MXC8-PW35-0000
80
82
R9>0
55
66
4000K
MXC8-PW40-0000
80
82
R9>0
60
70
5000K
MXC8-PW50-0000
80
82
R9>0
60
70
5700K
MXC8-PW57-0000
80
82
R9>0
60
70
6500K
MXC8-PW65-0000
80
82
R9>0
60
70
Note for Table 1:
1. Philips Lumileds maintains a tolerance of ± 7.5% on luminous flux and ± 2 on CRI measurements.
Optical Characteristics
Optical Characteristics of Mid-Power LEDs
Solder Pad Temperature = 25°C,Test Current = 100 mA
Table 2.
Nominal
CCT
Color Temperature CCT
Typical Total
Included Angle [1]
(degrees) u
0.90V
Typical
Viewing Angle [2]
(degrees) 2u
½
Minimum
Typical
Maximum
2700K
2550K
2700K
2850K
150
115
3000K
2850K
3000K
3200K
150
115
3500K
3200K
3500K
3750K
150
115
4000K
3750K
4000K
4250K
150
115
5000K
4700K
5000K
5300K
150
115
5700K
5300K
5700K
6000K
150
115
6500K
6000K
6500K
7000K
150
115
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - MXC8-PW35-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXC8-PW35-0000 ETC2-MXC8-PW35-0000 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
MXC8-PW35-0000 LUMILEDS-MXC8-PW35-0000 Datasheet
2Mb / 34P
   High flux in a 3535 package with full range of CCTs and CRIs
More results

Similar Description - MXC8-PW35-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L130-8070001400001 LUMILEDS-L130-8070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
MXA8-PW27-0000 LUMILEDS-MXA8-PW27-0000 Datasheet
1Mb / 2P
   High efficacy up to 165 lm/W at 60 Compact 3535 form factor
PB203 LUMILEDS-PB203 Datasheet
1Mb / 3P
   High efficacy in a 3535 package with full range of CCTs and CRIs
DS203-L LUMILEDS-DS203-L Datasheet
2Mb / 25P
   High efficacy in a 3535 package with full range of CCTs and CRIs
DS203 LUMILEDS-DS203 Datasheet
3Mb / 27P
   High efficacy in a 3535 package with full range of CCTs and CRIs
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
logo
List of Unclassifed Man...
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com