Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXC8-PW30-0000 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # MXC8-PW30-0000
Description  High efficacy for sustainable design Compact 3535 2D package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXC8-PW30-0000 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  MXC8-PW30-0000 Datasheet HTML 1Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 2Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 3Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 4Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 5Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 6Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 7Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 8Page - Lumileds Lighting Company MXC8-PW30-0000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LUXEON 3535 2D Datasheet DS204 20130530 ©2013 Philips Lumileds Lighting Company.
4
Electrical Characteristics
Electrical Characteristics of Mid-Power LEDs
Thermal Pad Temperature = 25ºC, Test Current = 100 mA
Table 3.
Part Number
Forward Voltage V
f
[1]
(V)
Typical Temperature
Coefficient of Forward
Voltage [2] (mV/°C)
DV
F / DTJ
Typical Thermal Resistance
Junction to Solder Pad
(°C/W)
Ru
J-C
Minimum
Typical
Maximum
MXC8-PW27-0000
MXC8-PW30-0000
MXC8-PW35-0000
MXC8-PW40-0000
MXC8-PW50-0000
MXC8-PW57-0000
MXC8-PW65-0000
5.6
6.1
6.8
-2.0 to -4.0
18
Notes for Table 3:
1. Philips Lumileds maintains a tolerance of ±0.10V on forward voltage measurements.
2. Measured at T
j between 25°C and 110°C.
Absolute Maximum Ratings
Table 4.
Parameter
Maximum Performance
DC Forward Current (mA) [1]
200
Peak Pulsed Forward Current (mA)
200
ESD Sensitivity
Class 3A Human Body Model Class C Machine Model
LED Junction Temperature [2]
125°C
Operating Case Temperature at 100 mA
-40°C - 105°C
Storage Temperature
-40°C - 105°C
Soldering Temperature
JEDEC 020D 260°C
Allowable Reflow Cycles
3
Reverse Voltage (Vr) [3], [4]
-5V
Notes for Table 4:
1. Ripple current with a frequency of 50-150 Hz is allowed, as long as the average of the current waveform is below 200 mA, and the maximum of the current waveform is
lower than 200 mA.
2. Proper current derating must be observed to maintain junction temperature below the maximum.
3. LUXEON Mid-Power LEDs are not designed to be driven in reverse bias.
4. At maximum reverse current of 10 µA.
JEDEC Moisture Sensitivity
Table 5.
Level
Floor Life
Soak Requirements
Standard
Time
Conditions
Time
Conditions
2
1 year
[ 30°C /
60% RH
168 Hrs.
+ 5 / - 0 Hrs.
[85°C /
60% RH


Similar Part No. - MXC8-PW30-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXC8-PW30-0000 ETC2-MXC8-PW30-0000 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
MXC8-PW30-0000 LUMILEDS-MXC8-PW30-0000 Datasheet
2Mb / 34P
   High flux in a 3535 package with full range of CCTs and CRIs
More results

Similar Description - MXC8-PW30-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L130-8070001400001 LUMILEDS-L130-8070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
MXA8-PW27-0000 LUMILEDS-MXA8-PW27-0000 Datasheet
1Mb / 2P
   High efficacy up to 165 lm/W at 60 Compact 3535 form factor
PB203 LUMILEDS-PB203 Datasheet
1Mb / 3P
   High efficacy in a 3535 package with full range of CCTs and CRIs
DS203-L LUMILEDS-DS203-L Datasheet
2Mb / 25P
   High efficacy in a 3535 package with full range of CCTs and CRIs
DS203 LUMILEDS-DS203 Datasheet
3Mb / 27P
   High efficacy in a 3535 package with full range of CCTs and CRIs
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
logo
List of Unclassifed Man...
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com