Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH34S-22S-0.5SH50 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH34S-22S-0.5SH50
Description  0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH34S-22S-0.5SH50 Datasheet(HTML) 2 Page - Hirose Electric

  FH34S-22S-0.5SH50 Datasheet HTML 1Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 2Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 3Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 4Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 5Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 6Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 7Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 8Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FH34(S)Seriesq0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
2
sSpecifications
Ratings
Current rating 0.5 A (Note 1)
Voltage rating 50 Vrms AC
Operating temperature range:
-55 to +85°C (Note 1)
Operating humidity range:
Relative humidity 90% max. (No condensation)
Storage temperature range:
-10 to +50°C (Note 2)
Storage humidity range:
Relative humidity 90% max. (No condensation)
Recommended FPC/FFC
Thickness: 0.3 ± 0.03 mm, Gold plated contact pads
Item
Specification
Conditions
100 V DC
250 Vrms AC / one minute
1 mA, AC / DC 20mV max (AC: 1kHz)
20 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75
mm, 10 cycles in each of the 3 axis
Acceleration of 981m/s
2, 6 ms duration, sine half-
wave, 3 cycles in each of the 3 axis
96 hours at 40°C and humidity of 90 to 95%
Temperature : -55°C / +15°C to +35°C/ +85°C / +15°C to +35°C
Time:
30 /
2 to 3
/
30 / 2 to 3 minutes
5 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350°C ±5°C for 5 seconds (Note 3)
1. Insulation resistance
500 Mø min.
2. Withstanding voltage
No flashover or insulation breakdown
3. Contact resistance
100 mø max.
* Including FPC and FFC conductor resistance
4. Durability
Contact resistance: 100 mø max.
No damage, cracks, or parts dislocation
5. Vibration
No electrical discontinuity of 1µs or longer
Contact resistance: 100 mø max.
No damage, cracks, or parts dislocation
6. Shock
No electrical discontinuity of 1µs or longer
Contact resistance: 100 mø max.
No damage, cracks, or parts dislocation
7. Humidity (Steady state)
Contact resistance: 100 mø max.
Insulation resistance: 50 Mø min.
No damage, cracks, or parts dislocation
8. Temperature cycle
Contact resistance: 100 mø max.
Insulation resistance: 50 Mø min.
No damage, cracks, or parts dislocation
9. Resistance to soldering heat
No deformation of components affecting performance
Note1: When passing the current through all of the contacts, use 70% of the rated current.
Note2: Includes temperature rise caused by current flow.
Note3: The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or
during transportation after board mounting.
Note4: Information contained in this catalog represents general requirements for this Series.
Contact us for the drawings and specifications for a specific part number shown.
sOrdering information
sMaterials
Series name : FH
Series No.
: 34S
Blank : Standard
J: Top contact, Halogen-free
(Flame retardance UL94V-0).
W
: Top contact, Halogen-free
(Flame retardance UL94HB).
R
: Bottom contact
RJ
: Bottom contact, halogen-free
(Flame retardance UL94V-0).
1
2
3
4
5
6
7
Number of positions : 4 to 34
Contact pitch : 0.5mm
Termination type
SH : SMT horizontal mounting type
Plating specifications
(50)…Gold plating with nickel barrier
LCP(8pos.)
PA
LCP
Phosphor bronze
Phosphor bronze
FH34S series
FH34SJ series
FH34SW series
FH34SR series
FH34SRJ series
FH34S series
FH34SJ series
FH34SR series
FH34SRJ series
FH34SW series
FH34SJ series
FH34SR series
Color:Beige
Color:Gray
Color:Black
Color:Light brown
Color:Black
Gold plating with nickel barrier
Pure tin reflow plating
UL94V-0
UL94HB
UL94V-0
-------
-------
Insulator
Contacts
Metalfittings
Material
Finish
Remarks
Part
FH 34S J - 30S - 0.5 SH (50)
1
2
4
5
3
6
7


Similar Part No. - FH34S-22S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34S-22S-0.5SH HIROSE-FH34S-22S-0.5SH Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH34S-22S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH39-25S-0.3SHW HIROSE-FH39-25S-0.3SHW Datasheet
384Kb / 11P
   0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com