Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH34S-16S-0.5SH50 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH34S-16S-0.5SH50
Description  0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH34S-16S-0.5SH50 Datasheet(HTML) 3 Page - Hirose Electric

  FH34S-16S-0.5SH50 Datasheet HTML 1Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 2Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 3Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 4Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 5Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 6Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 7Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 8Page - Hirose Electric FH34S-16S-0.5SH50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
580-1203-2-50
580-1205-8-50
580-1224-2-50
580-1204-5-50
580-1213-6-50
580-1206-0-50
580-1211-0-50
580-1217-7-50
580-1216-4-50
580-1228-3-50
580-1210-8-50
580-1212-3-50
580-1201-7-50
580-1208-6-50
580-1207-3-50
580-1237-4-50
580-1234-6-50
580-1235-9-50
580-1239-0-50
580-1225-5-50
580-1233-3-50
580-1240-9-50
580-1238-7-50
580-1236-1-50
580-1231-8-50
3
FH34(S)Seriesq0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sConnector Dimensions
(3.8)
2.9
0.3
2.9
0.5
1
0.1
∞Number of contacts
HRS mark
Cav No.
Number of contacts indicator
B
(C)
D±0.1
(0.15)
A±0.15
(0.15)
0.5
0.15 H
H
Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1 mm Max.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
Tape and reel packaging (5,000 pieces/reel).
Order by number of reels.
All dimensions: mm
Part Number
FH34S-4S-0.5SH(50)
FH34S-6S-0.5SH(50)
FH34S-7S-0.5SH(50)
FH34S-8S-0.5SH(50)
FH34S-11S-0.5SH(50)
FH34S-14S-0.5SH(50)
FH34S-16S-0.5SH(50)
FH34S-20S-0.5SH(50)
FH34S-22S-0.5SH(50)
FH34S-23S-0.5SH(50)
FH34S-24S-0.5SH(50)
FH34S-26S-0.5SH(50)
FH34S-30S-0.5SH(50)
FH34S-32S-0.5SH(50)
FH34S-34S-0.5SH(50)
FH34SJ-4S-0.5SH(50)
FH34SJ-6S-0.5SH(50)
FH34SJ-8S-0.5SH(50)
FH34SJ-30S-0.5SH(50)
FH34SW-4S-0.5SH(50)
FH34SW-12S-0.5SH(50)
FH34SR-22S-0.5SH(50)
FH34SRJ-4S-0.5SH(50)
FH34SRJ-6S-0.5SH(50)
FH34SRJ-8S-0.5SH(50)
4
6
7
8
11
14
16
20
22
23
24
26
30
32
34
4
6
8
30
4
12
22
4
6
8
4
5
5.5
6
7.5
9
10
12
13
13.5
14
15
17
18
19
4
5
6
17
4
8
13
4
5
6
1.5
2.5
3
3.5
5
6.5
7.5
9.5
10.5
11
11.5
12.5
14.5
15.5
16.5
1.5
2.5
3.5
14.5
1.5
5.5
10.5
1.5
2.5
3.5
2.53
3.53
4.03
4.53
6.03
7.53
8.57
10.57
11.57
12.07
12.57
13.57
15.57
16.53
17.53
2.53
3.53
4.53
15.57
2.53
6.53
11.57
2.53
3.53
4.53
3.38
4.38
4.88
5.38
6.88
8.38
9.38
11.38
12.38
12.88
13.38
14.38
16.38
17.38
18.38
3.38
4.38
5.38
16.38
3.38
7.38
12.38
3.38
4.38
5.38
CL No.
Number of Contacts
A
B
C
D


Similar Part No. - FH34S-16S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34S-16S-0.5SH HIROSE-FH34S-16S-0.5SH Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH34S-16S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH39-25S-0.3SHW HIROSE-FH39-25S-0.3SHW Datasheet
384Kb / 11P
   0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com