Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH19C-10S-0.5SH05 Datasheet(PDF) 5 Page - Hirose Electric

Part # FH19C-10S-0.5SH05
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19C-10S-0.5SH05 Datasheet(HTML) 5 Page - Hirose Electric

  FH19C-10S-0.5SH05 Datasheet HTML 1Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 2Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 3Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 4Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 5Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 6Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 7Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 8Page - Hirose Electric FH19C-10S-0.5SH05 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FH19C & FH19SC Seriesq0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Unit: mm
4
5
6
7
8
9
10
12
13
14
15
16
17
18
4.0
4.5
5.0
5.5
6.0
6.5
7.0
8.0
8.5
9.0
9.5
10.0
10.5
11.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
6.0
6.5
7.0
7.5
8.0
8.5
3.1
3.6
4.1
4.6
5.1
5.6
6.1
7.1
7.6
8.1
8.6
9.1
9.6
10.1
3.9
4.4
4.9
5.4
5.9
6.4
6.9
7.9
8.4
8.9
9.4
9.9
10.4
10.9
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.5
7.0
7.5
8.0
8.5
9.0
9.5
Number of Contacts
A
J
B
K
L
B
0.3±0.05 (Land)
0.5
0.25±0.05 (Metal mask)
0.1 H
H
∞Number of contacts
(A)
J±0.1
K±0.1
(0.2)
(0.05)
0.2±0.03
0.3±0.03
0.5±0.07
B±0.03
0.5±0.03
L±0.05
FH19C Series FH19SC Series
0.35±0.03(FPC)
0.3±0.03(FFC)
sRecommended PCB Land and Metal Mask Dimensions
[Common to FH19C & FH19SC Series]
sRecommended FPC, FFC Dimensions
[Common to FH19C & FH19SC Series]
Recommended metal mask thickness: 0.10 mm.
Note 1: Stiffener dimension should be 3.5mm min., and X dimension should be 0.5mm for improved flexibility of FPC.
Unit: mm
20
21
22
24
26
27
28
30
32
34
40
45
50
12.0
12.5
13.0
14.0
15.0
15.5
16.0
17.0
18.0
19.0
22.0
24.5
27.0
9.5
10.0
10.5
11.5
12.5
13.0
13.5
14.5
15.5
16.5
19.5
22.0
24.5
11.1
11.6
12.1
13.1
14.1
14.6
15.1
16.1
17.1
18.1
21.1
23.6
26.1
11.9
12.4
12.9
13.9
14.9
15.4
15.9
16.9
17.9
18.9
21.9
24.4
26.9
10.5
11.0
11.5
12.5
13.5
14.0
14.5
15.5
16.5
17.5
20.5
23.0
25.5
Number of Contacts
A
J
B
K
L
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH19C-10S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19C-10S-0.5SH HIROSE-FH19C-10S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results

Similar Description - FH19C-10S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com