Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12-12S-0.5SH55 Datasheet(PDF) 9 Page - Hirose Electric

Part # FH12-12S-0.5SH55
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12-12S-0.5SH55 Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH12-12S-0.5SH55 Datasheet HTML 5Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 6Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 7Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 8Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 9Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 10Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 11Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 12Page - Hirose Electric FH12-12S-0.5SH55 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
Note 1: Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels.
Note 2: The 1mm version of FH12 is constructed by loading every other contact into the 0.5mm housing.
When a housing designed for an odd number of 0.5mm pitch contacts is used; the spacing from the edge to the first contact on
either side is the same as the distance between each contact, 1.0mm. Hirose considers this design to be a standard-type 1.0mm
connector.
An eccentric-type connector using a housing designed for an even number of 0.5mm pitch contacts and consequently one side
has 1.5mm distance from the edge to the first contact. (See FPC/FFC dimensional drawing on page 19) The part number for the
eccentric type describes the size of the 0.5mm housing used and lists the number of 1.0mm pitch contacts in parentheses () as
shown in the above table.
D
E
Unit:mm
CL No.
Part Number
586-0591-6-**
586-0607-4-**
586-0535-5-**
586-0579-0-**
586-0540-5-**
586-0668-9-**
586-0741-7-**
586-0536-8-**
586-0739-5-**
586-0547-4-**
586-0592-9-**
586-0537-0-**
586-0538-3-**
586-0539-6-**
586-0541-8-**
586-0542-0-**
586-0543-3-**
586-0546-1-**
586-0548-7-**
FH12-5S-1SH(**)
FH12-6S-1SH(**)
FH12-7S-1SH(**)
FH12-8S-1SH(**)
FH12-9S-1SH(**)
FH12-11S-1SH(**)
FH12-12S-1SH(**)
FH12-16S-1SH(**)
FH12-17S-1SH(**)
FH12-22S-1SH(**)
FH12-26S-1SH(**)
FH12-10(4)SA-1SH(**)
FH12-14(6)SA-1SH(**)
FH12-18(8)SA-1SH(**)
FH12-22(10)SA-1SH(**)
FH12-24(11)SA-1SH(**)
FH12-30(14)SA-1SH(**)
FH12-40(19)SA-1SH(**)
FH12-50(24)SA-1SH(**)
Number of Contacts
5
6
7
8
9
11
12
16
17
22
26
4
6
8
10
11
14
19
24
A
B
4
5
6
7
8
10
11
15
16
21
25
3
5
7
9
10
13
18
23
8.6
9.6
10.6
11.6
12.6
14.6
15.6
19.6
20.6
25.6
29.6
8.1
10.1
12.1
14.1
15.1
18.1
23.1
28.1
C
9.6
10.6
11.6
12.6
13.6
15.6
16.6
20.6
21.6
26.6
30.6
9.1
11.1
13.1
15.1
16.1
19.1
24.1
29.1
6.07
7.07
8.07
9.07
10.07
12.07
13.07
17.07
18.07
23.07
27.07
5.57
7.57
9.57
11.57
12.57
15.57
20.57
25.57
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.3
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
s1mm Pitch Type Bottom Contact Type
(0.2)
(2.1)
(3.1)
(1.3)
2.3
E
FPC/FFC Contact Surface
D
1.0
A
B
C
5.6
4.6
Mated Cross-sectional Diagram
Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1 mm Max.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-12S-0.5SH55

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-12S-0.5SH HIROSE-FH12-12S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-12S-0.5SH HIROSE-FH12-12S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-12S-0.5SH ETC2-FH12-12S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-12S-0.5SH ETC2-FH12-12S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-12S-0.5SH HIROSE-FH12-12S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-12S-0.5SH55

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com