Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ2-2780-Y Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXZ2-2780-Y
Description  Breakthrough luminance, design flexibility
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXZ2-2780-Y Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXZ2-2780-Y Datasheet HTML 1Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 2Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 3Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 4Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 5Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 6Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 7Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 8Page - Lumileds Lighting Company LXZ2-2780-Y Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LUXEONZandLUXEONZESDatasheetDS12020130517©2013PhilipsLumiledsLightingCompany.
4
Optical Characteristics
LUXEON Z ES at Test Current 700 mA, Junction Temperature 85°C
& LUXEON Z at Test Current 500 mA, Junction Temperature 85°C
Table 3.
Nominal ANSI
CCT
Color Temperature
CCT Typical
Typical Total Included
Angle2 (degrees) u
0.90V
Typical Viewing
Angle3 (degrees)
2u 1/2
2700K
2725K
160
120
3000K
3045K
160
120
3500K
3465K
160
120
4000K
3985K
160
120
5000K
5028K
160
120
5700K
5665K
160
120
Notes for Table 3:
1. Totalangleatwhich90%oftotalluminousfluxiscaptured.
2. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.
Electrical Characteristics
LUXEON Z ES at Test Current 700 mA, Junction Temperature 85°C
& LUXEON Z at Test Current 500 mA, Junction Temperature 85°C
Table 4.
Nominal ANSI CCT
Forward Voltage V, 1
(V)
Typical Temperature
Coefficient of Forward Voltage2
(mV/°C)
DV
F / DTJ
Typical Thermal Resistance
Junction to Thermal Pad (°C/W)
Ru
J-C
Min.
Max.
2700K
2.5
3.25
-1.6
3
3000K
2.5
3.25
-1.6
3
3500K
2.5
3.25
-1.6
3
4000K
2.5
3.25
-1.6
3
5000K
2.5
3.25
-1.6
3
5700K
2.5
3.25
-1.6
3
6500K
2.5
3.25
-1.6
3
Notes for Table 4:
1. PhilipsLumiledsmaintainsatoleranceof±0.06Vonforwardvoltagemeasurements.
2. MeasuredbetweenT
J=25°CandTJ=110°CatIf=700mA.


Similar Part No. - LXZ2-2780-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ2-2780-y ETC2-LXZ2-2780-y Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
More results

Similar Description - LXZ2-2780-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com