Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF37NB-74DS-0.4V51 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF37NB-74DS-0.4V51
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37NB-74DS-0.4V51 Datasheet(HTML) 4 Page - Hirose Electric

  DF37NB-74DS-0.4V51 Datasheet HTML 1Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 2Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 3Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 4Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 5Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 6Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF37NB-74DS-0.4V51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DF37 Seriesq0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
4
sReceptacles(DF37SB)
sRecommended metal mask dimensions
qWith metal fittings
Part Number
DF37SB-10DS-0.4V(51)
DF37SB-16DS-0.4V(51)
DF37SB-20DS-0.4V(51)
DF37SB-24DS-0.4V(51)
DF37SB-30DS-0.4V(51)
DF37SB-34DS-0.4V(51)
DF37SB-40DS-0.4V(51)
DF37SB-50DS-0.4V(51)
DF37SB-60DS-0.4V(51)
5
5
CL No.
CL684-3500-2-51
CL684-3501-5-51
CL684-3502-8-51
CL684-3503-0-51
CL684-3504-3-51
CL684-3505-6-51
CL684-3506-9-51
CL684-3507-1-51
CL684-3508-4-51
Number of Contacts
10
16
20
24
30
34
40
50
60
A
4.22
5.42
6.22
7.02
8.22
9.02
10.22
12.22
14.22
B
1.6
2.8
3.6
4.4
5.6
6.4
7.6
9.6
11.6
C
0.8
1.2
1.6
2
2
2.4
2.4
2.8
3.2
D
3.7
4.9
5.7
6.5
7.7
8.5
9.7
11.7
13.7
All dimensions: mm
Note 1: Tape and reel packaging (8,000 pieces/reel). Order by number of reels.
Note 2: This connector is NOT polarized.
5 Indicates “available”. No marking “under development”.
E
4.46
5.66
6.46
7.26
8.46
9.26
10.46
12.46
14.46
HRS Mark
CAV No.
C±0.08
P=0.4±0.05
B±0.3
0.15±0.02
Vacuum pick-up area
0.96±0.08
E
+0.05
0
D
0
-0.05
B±0.02
0.23±0.01
P=0.4±0.02
sRecommended PCB mounting pattern
E+0.05
0
D
0
-0.05
B±0.02
P=0.4±0.02
0.23±0.02
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF37NB-74DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37NB-74DS-0.4V51 HIROSE-DF37NB-74DS-0.4V51 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results

Similar Description - DF37NB-74DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com