Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMN18T50FD Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SMN18T50FD
Description  SWITCHING REGULATOR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMN18T50FD Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SMN18T50FD Datasheet HTML 1Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 2Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 3Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 4Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 5Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 6Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 7Page - KODENSHI_AUK CORP. SMN18T50FD Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. date: 27-MAR-13
KSD-T0O097-001
www.auk.co.kr
3 of 8
Electrical Characteristics Curve
-
0.0
Source - Drain Voltage, VSD [V]
VGS =0V
250㎲ Pulse Test
150
25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
20
30
40
50
60
Total Gate Charge Qg [nC]
0
15
30
45
60
75
0
5
10
VDD=400V
Note
ID=18A
Tc=25
SMN18T50FD
Fig. 1 ID - VDS
Fig. 2 ID – VGS
Fig. 3 RDS(ON) - ID
Fig. 4 IDR - VSD
Fig. 5 Capacitance - VDS
Fig. 6 VGS - QG


Similar Part No. - SMN18T50FD

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
SMN16AJ-100-F RCD-SMN16AJ-100-F Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
SMN16AJ-100-G RCD-SMN16AJ-100-G Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
SMN16AJ-100-J RCD-SMN16AJ-100-J Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
SMN16AJ-1000-F RCD-SMN16AJ-1000-F Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
SMN16AJ-1000-G RCD-SMN16AJ-1000-G Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
More results

Similar Description - SMN18T50FD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
   SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK0460D KODENSHI-SMK0460D Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com