Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12A-40DS-0.5V Datasheet(PDF) 1 Page - Hirose Electric

Part # DF12A-40DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12A-40DS-0.5V Datasheet(HTML) 1 Page - Hirose Electric

  DF12A-40DS-0.5V Datasheet HTML 1Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 2Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 3Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 4Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 5Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 6Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 7Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 8Page - Hirose Electric DF12A-40DS-0.5V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
A193
0.5mm Pitch SMT Board to Board Connector
DF12 Series
sFeatures
1. Broad Variations of Stacking Height
In addition to 0.5mm pitch ultra-miniature size connector, the stacking height of 3mm, 3.5mm, 4mm, and 5mm are provided.
Note 1 : (**) of the product name DF12# (**) indicates the stacking height.
Note 2 : The stacking height doesn't include the soldering paste thickness.
[Stacking Height Variation]
2. Corresponding to Automatic Mounting
The connector has the vacuum pick-up area to enable automatic mounting with the embossed tape packaging.
3. Metal Fitting Available
The product including the metal fitting to prevent solder peeling is provided, considering the mounting on FPC.
sApplications
Mobile phone, LCD(Liquid Crystal Display), Note PC
Header/Receptacle
DF12#(3.0)-*DS-0.5V
DF12#-*DS-0.5V
Combination
stacking height Combination stacking height
DF12#(3.0)-*DP-0.5V
3.0
–––––––
DF12#(3.5)-*DP-0.5V
–––––––
3.5
DF12#(4.0)-*DP-0.5V
–––––––
4.0
DF12#(5.0)-*DP-0.5V
–––––––
5.0
Stacking Height
3.0mm
3.5mm
4.0mm
5.0mm
10 contacts
K
–––––––
–––––––
–––––––
14 contacts
K
–––––––
–––––––
–––––––
20 contacts
KKKK
30 contacts
KKKK
32 contacts
K
–––––––
K
–––––––
Number of Contacts
36 contacts
KKKK
40 contacts
KKKK
50 contacts
KKKK
60 contacts
KKKK
80 contacts
K
–––––––
–––––––
–––––––
Correspond to automatic mounting
The vacuum pick-up area secures the automatic mounting
machine for pick and place.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12A-40DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-40DS-0.5V HIROSE-DF12A-40DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12A-40DS-0.5V ETC-DF12A-40DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12A-40DS-0.5V(81) HIROSE-DF12A-40DS-0.5V(81) Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF12A-40DS-0.5V(81) HIROSE-DF12A-40DS-0.5V(81) Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12A-40DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com