Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABC201-1030G Datasheet(PDF) 2 Page - Power-One

Part # ABC201-1030G
Description  160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC201-1030G Datasheet(HTML) 2 Page - Power-One

  ABC201-1030G Datasheet HTML 1Page - Power-One ABC201-1030G Datasheet HTML 2Page - Power-One ABC201-1030G Datasheet HTML 3Page - Power-One ABC201-1030G Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABC201 Series
2
www.power-one.com
DATA SHEET
TECHNICAL DATA:
Input
PARAMETER
DESCRIPTION/CONDITION
Input voltage range
Universal Input
90 - 264 Vac
120 - 390 Vdc
Input frequency range
47-63 Hz
Input surge current
230 Vac (cold start)
65 A max.
Safety ground leakage current
230 Vac
300 μA max
Input current
120 Vac @ 200 W
230 Vac @ 200 W
2.4 A
1.2 A
Output
PARAMETER
DESCRIPTION/CONDITION
Voltage Adjustment
V1
± 3%
Transient Response
Main output 50 to 100% load change, 50 Hz,
50% duty cycle, 0.1A / uSec
< 10%, recovery time < 5 mS
Over Voltage Protection
V1
110 to 150% rated max
Over Current Protection
Rated output current
110% Typical
Short Circuit Protection
Automatic recovery
Set Point Tolerance
± 1%
Rise Time
< 100 mSec
Ordering Information
PRODUCT FAMILY
VOLTS
(VDC)
MAX LOAD
CONVECTION (1)
MAX LOAD
300 LFM (1)
MINIMUM
LOAD (A)
RIPPLE &
NOISE (4)
CONNECTOR
TOTAL
REGULATION
ABC201-1005G
5.0
26.0 A
26 A
0
1%
JST
± 2.5%
ABC201-1T05G
5.0
26.0 A
35 A
0
1%
Screw Terminal
± 2.5%
ABC201-1012G
12
13.33 A
16.67 A
0
1%
JST
± 2.5%
ABC201-1T12G
12
13.33A
16.67 A
0
1%
Screw Terminal
± 2.5%
ABC201-1015G
15
10.66 A
13.33 A
0
1%
JST
± 2.5%
ABC201-1T15G
15
10.66 A
13.33 A
0
1%
Screw Terminal
± 2.5%
ABC201-1024G
24
6.66 A
8.33 A
0
1%
JST
± 2.5%
ABC201-1T24G
24
6.66 A
8.33 A
0
1%
Screw Terminal
± 2.5%
ABC201-1030G
30
5.33A
6.67A
0
1%
JST
± 2.5%
ABC201-1T30G
30
5.33A
6.67A
0
1%
Screw Terminal
± 2.5%
ABC201-1048G
48
3.33 A
4.17 A
0
1%
JST
± 2.5%
ABC201-1T48G
48
3.33 A
4.17 A
0
1%
Screw Terminal
± 2.5%
Vfan (all models)
12
0.5 A
0.5 A
0
± 20%
V s/b (all models)
5
1.0 A
1.0 A
0
± 5%


Similar Part No. - ABC201-1030G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC201-1030G BEL-ABC201-1030G Datasheet
881Kb / 6P
   Remote Sense
More results

Similar Description - ABC201-1030G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC60-1005G POWER-ONE-ABC60-1005G Datasheet
569Kb / 4P
   60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Total Power Internation...
TPES34 TOTAL-POWER-TPES34 Datasheet
394Kb / 2P
   EMI MEET EN 55022 / FCC CLASS B
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
MKW2000 TOTAL-POWER-MKW2000 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com