Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEE1S1515DC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # MEE1S1515DC
Description  Isolated 1W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEE1S1515DC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  MEE1S1515DC Datasheet HTML 1Page - Murata Power Solutions Inc. MEE1S1515DC Datasheet HTML 2Page - Murata Power Solutions Inc. MEE1S1515DC Datasheet HTML 3Page - Murata Power Solutions Inc. MEE1S1515DC Datasheet HTML 4Page - Murata Power Solutions Inc. MEE1S1515DC Datasheet HTML 5Page - Murata Power Solutions Inc. MEE1S1515DC Datasheet HTML 6Page - Murata Power Solutions Inc. MEE1S1515DC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MEE1 Series
Isolated 1W Single Output DC/DC Converters
KDC_MEE1.C01 Page 7 of 7
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2012 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
www.murata-ps.com/support
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SAFETY APPROVAL
The MEE1 series has been recognized by Underwriters Laboratory (UL) to UL 60950 for functional insulation in a maximum ambient temperature for 3.3V & 5V input models of
60°C and for 12V, 15V and 24V models of 85°C. File number E151252 applies. The MEE1 Series of converters are not internally fused so to meet the requirements of UL 60950
an anti-surge input line fuse should always be used with ratings as defined below.
MEE1S03xxxC: 1A
MEE1S05xxxC: 0.7A
MEE1S12xxxC: 0.2A
MEE1S15xxxC: 0.2A
MEE1S24xxxC: 0.16A
All fuses should be UL approved and rated to at least the maximum allowable DC input voltage.
8 Pin DIP Tube
4 Pin SIP Tube
8 Pin DIP Package
4 Pin SIP Package
2.54 (0.1)
2.54 (0.1)
1.15 (0.0453)
1.00 (0.0394)
0.1 (0.00394)
4 HOLES
Ø
2.54
(0.1)
2.54
(0.1)
1.15 (0.0453)
1.00 (0.0394)
Ø
0.1 (0.00394)
4 HOLES
Tube Quantity : 35
Unless otherwise stated all dimensions in mm (inches) ±0.5mm.
Tube length (8 Pin DIP) : 520mm ±2mm (20.47).
Tube length (4 Pin SIP) : 520mm ±2mm (20.47).
12.0 (0.472)
5.10 (0.2)
0.65 (0.026)
5.07 (0.2)
5.00 (0.2)
9.30 (0.366)


Similar Part No. - MEE1S1515DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEE1S1515SC MURATA-PS-MEE1S1515SC Datasheet
406Kb / 16P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - MEE1S1515DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com