Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2D35S Datasheet(PDF) 3 Page - General Electric Company

Part # CC2D35S
Description  ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

CC2D35S Datasheet(HTML) 3 Page - General Electric Company

  CC2D35S Datasheet HTML 1Page - General Electric Company CC2D35S Datasheet HTML 2Page - General Electric Company CC2D35S Datasheet HTML 3Page - General Electric Company CC2D35S Datasheet HTML 4Page - General Electric Company CC2D35S Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions (units: mm (inch))
Pin Connection
CC2-D
Ordering Information
GE part no.
Description
CC2A25
ChipCap2, analog, 2%, 5v
CC2A23
ChipCap2, analog, 2%, 3.3v
CC2D23S
ChipCap2, digital, sleep mode, 2%, 3.3v
CC2D25S
ChipCap2, digital , sleep mode, 2%, 5v
CC2D23
ChipCap2, digital, 2%, 3.3v
CC2D25
ChipCap2, digital, 2%, 5v
CC2D35
ChipCap2, digital, 3%, 5v
CC2A33
ChipCap2, analog, 3%, 3.3v
CC2D33S
ChipCap2, digital, sleep mode, 3%, 3.3v
CC2D35S
ChipCap2, digital , sleep mode, 3%, 5v
CC2D33
ChipCap2, digital, 3%, 3.3v
CC2A35
ChipCap2, analog, 3%, 5v
Packaging Tape and Reel


Similar Part No. - CC2D35S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CC2D35S AMPHENOL-CC2D35S Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
CC2D35S-SIP AMPHENOL-CC2D35S-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
More results

Similar Description - CC2D35S

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
   The Fully Calibrated Humidity and Temperature Solution
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com