Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU82541PI Datasheet(PDF) 7 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 7 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 3Page - Intel Corporation LU82541PI Datasheet HTML 4Page - Intel Corporation LU82541PI Datasheet HTML 5Page - Intel Corporation LU82541PI Datasheet HTML 6Page - Intel Corporation LU82541PI Datasheet HTML 7Page - Intel Corporation LU82541PI Datasheet HTML 8Page - Intel Corporation LU82541PI Datasheet HTML 9Page - Intel Corporation LU82541PI Datasheet HTML 10Page - Intel Corporation LU82541PI Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
7
1.0
Introduction
The Intel
® 82541(PI/GI/EI) Gigabit Ethernet is a single, compact component with an integrated
Gigabit Ethernet Media Access Control (MAC) and physical layer (PHY) functions. For desktop,
workstation and mobile PC Network designs with critical space constraints, the Intel
® 82541(PI/
GI/EI) allows for a Gigabit Ethernet implementation in a very small area that is footprint
compatible with current generation 10/100 Mbps Fast Ethernet designs.
The Intel
® 82541(PI/GI/EI) integrates fourth generation gigabit MAC design with fully integrated,
physical layer circuitry to provide a standard IEEE 802.3 Ethernet interface for 1000BASE-T,
100BASE-TX, and 10BASE-T applications (802.3, 802.3u, and 802.3ab). The controller is capable
of transmitting and receiving data at rates of 1000 Mbps, 100 Mbps, or 10 Mbps. In addition to
managing MAC and PHY layer functions, the controller provides a 32-bit wide direct Peripheral
Component Interconnect (PCI) 2.3 compliant interface capable of operating at 33 or 66 MHz.
The 82541(PI/GI/EI) also incorporates the Clock Run protocol and hardware supported downshift
capability to two-pair and three-pair 100 Mbps operation. These features optimize mobile
applications.
The 82541(PI/GI/EI) on-board System Management Bus (SMB) port enables network
manageability implementations required by information technology personnel for remote control
and alerting via the Local Area Network (LAN). With SMB, management packets can be routed to
or from a management processor. The SMB port enables industry standards, such as Intelligent
Platform Management Interface (IPMI) and Alert Standard Forum (ASF) 2.0, to be implemented
using the 82541(PI/GI/EI). In addition, on chip ASF 2.0 circuitry provides alerting and remote
control capabilities with standardized interfaces.
The 82541(PI/GI/EI) Gigabit Ethernet Controller Architecture is designed for high performance
and low memory latency. Wide internal data paths eliminate performance bottlenecks by efficiently
handling large address and data words. The 82541(PI/GI/EI) controller includes advanced interrupt
handling features to limit PCI bus traffic and a PCI interface that maximizes efficient bus usage.
The 82541(PI/GI/EI) uses efficient ring buffer descriptor data structures, with up to 64 packet
descriptors cached on chip. A large 64-KByte onchip packet buffer maintains superior performance
as available PCI bandwidth changes. In addition, using hardware acceleration, the controller
offloads tasks from the host controller, such as TCP/UDP/IP checksum calculations and TCP
segmentation.
The 82541(PI/GI/EI) is packaged in a 15 mm x 15 mm 196-ball grid array and is pin compatible
with the 82551QM 10/100 Mbps Fast Ethernet Multifunction PCI/CardBus Controller,
82562EZ(EX) Platform LAN Connect devices, and the 82540EP(EM) Gigabit Ethernet Controller.
1.1
Document Scope
The 82541EI is the original device and is now being manufactured in a B0 stepping. The 82541GI
(B1 stepping) and 82541PI (C0 stepping) are pin compatible, however, a different Intel software
driver is required from the 82541EI. This document contains datasheet specifications for the
82541(PI/GI/EI) Gigabit Ethernet Controllers including signal descriptions, DC and AC
parameters, packaging data, and pinout information.


Similar Part No. - LU82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LU82541ER INTEL-LU82541ER Datasheet
327Kb / 48P
   82541ER Gigabit Ethernet Controller
More results

Similar Description - LU82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82541 INTEL-82541 Datasheet
711Kb / 46P
   Family of Gigabit Ethernet Controllers
logo
List of Unclassifed Man...
VT6120 ETC1-VT6120 Datasheet
1Mb / 2P
   Velocity Gigabit Ethernet Controllers
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
100Kb / 2P
   Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
logo
Zilog, Inc.
Z85C3008VEC ZILOG-Z85C3008VEC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
logo
Microsemi Corporation
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
   Family of Carrier Ethernet Switches
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
   Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
logo
Zilog, Inc.
Z85C3008VEC00TR ZILOG-Z85C3008VEC00TR Datasheet
637Kb / 2P
   ZiLOG?셲 Family of Serial Communication Controllers
logo
STCmicro Technology Co,...
STC8F STC-STC8F Datasheet
5Mb / 509P
   STC8F family of Micro-controllers Reference Manual
2020/3/9
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com