Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F852-B-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F852-B-GM
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F852-B-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F852-B-GM Datasheet HTML 1Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 2Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 3Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 4Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 5Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 6Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 7Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 8Page - Silicon Laboratories C8051F852-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 290 page
background image
Preliminary Rev 0.6 7/13
Copyright © 2013 by Silicon Laboratories
C8051F85x/86x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
C8051F85x/86x
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Memory
- Up to 8 kB flash
- Flash is in-system programmable in 512-Byte sectors
- Up to 512 Bytes RAM (256 + 256)
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug (no emulator required)
- Provides breakpoints, single stepping, inspect/modify memory
and registers
12-Bit Analog-to-Digital Converter
- Up to 16 input channels
- Up to 200 ksps 12-bit mode or 800 ksps 10-bit mode
- Internal VREF or external VREF supported
Internal Low-Power Oscillator
- Calibrated to 24.5 MHz
- Low supply current
- ±2% accuracy over supply and temperature
Internal Low-Frequency Oscillator
- 80 kHz nominal operation
- Low supply current
- Independent clock source for watchdog timer
2 Analog Comparators
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
- Low current
Additional Support Peripherals
- Independent watchdog timer clocked from LFO
- 16-bit CRC engine
High-Speed CIP-51 µC Core
- Efficient, pipelined instruction architecture
- Up to 25 MIPS throughput with 25 MHz clock
- Uses standard 8051 instruction set
- Expanded interrupt handler
General-Purpose I/O
- Up to 18 pins
- 5 V-Tolerant
- Crossbar-enabled
Communication Peripherals
- UART
- I2C / SMBus™
- SPI™
Timer/Counters and PWM
- 4 General-Purpose 16-bit Timer/Counters
- 16-bit Programmable Counter Array (PCA) with three channels
of PWM, capture/compare, or frequency output capability, and
hardware kill/safe state capability
Supply Voltage
- 2.2 to 3.6 V
Package Options
- 16-pin SOIC
- 20-pin QFN, 3 x 3 mm
- 24-pin QSOP
- Available in die form
- Qualified to AEC-Q100 Standards
Temperature Ranges:
- –40 to +125 °C (-Ix) and –40 to +85 °C (-Gx)
CIP-51
(25 MHz)
2-8 kB Flash
256-512 B RAM
Watchdog
Supply Monitor
Core / Memory / Support
C2 Serial Debug / Programming
Core LDO
Clocking / Oscillators
80 kHz Low Frequency Oscillator
24.5 MHz Low Power Oscillator
External Clock (CMOS Input)
Analog Peripherals
SAR ADC
(12-bit 200 ksps,10-bit 800 ksps)
2 x Low Current Comparators
Digital Peripherals
UART
4 x 16-bit Timers
3-Channel PCA
Voltage Reference
I2C / SMBus
SPI
16-bit CRC


Similar Part No. - C8051F852-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F852-C-GM SILABS-C8051F852-C-GM Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F852-C-GM SILABS-C8051F852-C-GM Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F852-C-GU SILABS-C8051F852-C-GU Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F852-C-GU SILABS-C8051F852-C-GU Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
More results

Similar Description - C8051F852-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F850-C-GM SILABS-C8051F850-C-GM Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com