Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEE1S1212SC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # MEE1S1212SC
Description  Isolated 1W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEE1S1212SC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  MEE1S1212SC Datasheet HTML 1Page - Murata Power Solutions Inc. MEE1S1212SC Datasheet HTML 2Page - Murata Power Solutions Inc. MEE1S1212SC Datasheet HTML 3Page - Murata Power Solutions Inc. MEE1S1212SC Datasheet HTML 4Page - Murata Power Solutions Inc. MEE1S1212SC Datasheet HTML 5Page - Murata Power Solutions Inc. MEE1S1212SC Datasheet HTML 6Page - Murata Power Solutions Inc. MEE1S1212SC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MEE1 Series
Isolated 1W Single Output DC/DC Converters
KDC_MEE1.C01 Page 5 of 7
www.murata-ps.com/support
APPLICATION NOTES
Minimum Load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in
an increase in output voltage, which may rise to typically 1.25 times the specified output voltage if the output load falls to less than 5%.
Capacitive loading and start up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product
series will start into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Ripple & Noise Characterisation Method
Ripple and noise measurements are performed with the following test configuration.
C1
1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon film, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the specified values.
Differential Mode Noise Test Schematic
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-
Start-up time
Start-up time
μs
μs
MEE1S0303XC
355
MEE1S1209XC
818
MEE1S0305XC
622
MEE1S1212XC
1285
MEE1S0309XC
1542
MEE1S1215XC
2052
MEE1S0312XC
2410
MEE1S1505XC
260
MEE1S0315XC
3346
MEE1S1509XC
642
MEE1S0503XC
334
MEE1S1512XC
993
MEE1S0505XC
402
MEE1S1515XC
1574
MEE1S0509XC
1316
MEE1S2405XC
221
MEE1S0512XC
1776
MEE1S2409XC
541
MEE1S0515XC
2232
MEE1S2412XC
860
MEE1S1205XC
285
MEE1S2415XC
1049


Similar Part No. - MEE1S1212SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEE1S1212SC MURATA-PS-MEE1S1212SC Datasheet
406Kb / 16P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - MEE1S1212SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com