Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460TR5270-0205 Datasheet(PDF) 3 Page - Cree, Inc

Part # C460TR5270-0205
Description  Maximum DC Forward Current - 250 mA Class 2 ESD Rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460TR5270-0205 Datasheet(HTML) 3 Page - Cree, Inc

  C460TR5270-0205 Datasheet HTML 1Page - Cree, Inc C460TR5270-0205 Datasheet HTML 2Page - Cree, Inc C460TR5270-0205 Datasheet HTML 3Page - Cree, Inc C460TR5270-0205 Datasheet HTML 4Page - Cree, Inc C460TR5270-0205 Datasheet HTML 5Page - Cree, Inc C460TR5270-0205 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR5270aretrademarksofCree,Inc.
3
CPR3ET Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1, 3 & 4
CxxxTR5270-Sxx00 and CxxxTR5270-Sxx00-3
DCForwardCurrent
250mA
PeakForwardCurrent(1/10dutycycle@1kHz)
300mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 120 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR5270-Sxx000
2.7
3.2
3.5
2
20
C460TR5270-Sxx000
2.7
3.2
3.5
2
21
C450TR5270-Sxx000-3
2.7
3.2
3.5
2
20
C460TR5270-Sxx000-3
2.7
3.2
3.5
2
21
Notes:
1.
Maximum ratings are package-dependent. The above ratings were determined using lamps in chip-on-MCPCB (metal core PCB) packages for
characterization.Ratingsforotherpackagesmaydiffer.Junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.
Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2.
Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalancheenergytest(RAET).
TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3.
Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembledandoperatedat120
mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgivenarewithintherangeofaveragevalues
expectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.AllmeasurementsweremadeusinglampsinT-13/4packages
(withHysolOS4000epoxyencapsulantandclearepoxydieattach).OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.
4.
ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfortheend-producttobe
designedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinordertooptimizeproductperformance.
Max If (mA)
250
Max Vf @Max If (V)
3.5
Max Tj (Deg C)
150
Max Power (W)
0.875
Thermal Resistance (C/W)
10
20
30
If @ Tamb
Rth (j-A) =
Tamb
Tamb
250
25
25
25
250
141.25
132.5
123.75
0
150
150
150
0
50
100
150
200
250
300
50
75
100
125
150
175
Ambient Temperature (
C)
Rth j-a = 10 C/W
Rth j-a = 20 C/W
Rth j-a = 30 C/W
Rth j-a = 40 C/W


Similar Part No. - C460TR5270-0205

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460TR5270-0205 MARKTECH-C460TR5270-0205 Datasheet
672Kb / 6P
   TR5270 LEDs
More results

Similar Description - C460TR5270-0205

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
PHOENIX CONTACT
2701154 PHOENIX-2701154 Datasheet
101Kb / 5P
   Maximum permissible load current per sensor: 250 mA
logo
Cree, Inc
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
logo
STMicroelectronics
STOD13CM STMICROELECTRONICS-STOD13CM Datasheet
988Kb / 25P
   250 mA dual DC-DC converter
January 2013 Rev 1
logo
Voltage Multipliers Inc...
X25FG VMI-X25FG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
logo
Cree, Inc
C450UT190-S1200-31 CREE-C450UT190-S1200-31 Datasheet
304Kb / 6P
   Small Chip 190 x 190 x 50 Class 2 ESD Rating
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
Voltage Multipliers Inc...
MD60FF18 VMI-MD60FF18 Datasheet
31Kb / 1P
   1,800 V Rectifiers 250 mA Forward Current 30 ns - 50 ns Recovery Time
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com