Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SS-1.5V-Z Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # TX2SS-1.5V-Z
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SS-1.5V-Z Datasheet(HTML) 5 Page - Panasonic Semiconductor

  TX2SS-1.5V-Z Datasheet HTML 1Page - Panasonic Semiconductor TX2SS-1.5V-Z Datasheet HTML 2Page - Panasonic Semiconductor TX2SS-1.5V-Z Datasheet HTML 3Page - Panasonic Semiconductor TX2SS-1.5V-Z Datasheet HTML 4Page - Panasonic Semiconductor TX2SS-1.5V-Z Datasheet HTML 5Page - Panasonic Semiconductor TX2SS-1.5V-Z Datasheet HTML 6Page - Panasonic Semiconductor TX2SS-1.5V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TX
5
ds_61022_en_tx: 060213D
4. Electrical life (2A 30V DC resistive load)
Tested sample: TX2-5V, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5-(1). Coil temperature rise
Tested sample: TX2-5V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
C 77F, 85C 185F
10
1
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
23456789
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10
1
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
23456789
No. of operations,
×104
10
30
60
70
100
120
150
0
20
40
50
110
130
140
2A
2A
0A
0A
+25
°C
+85
°C
Coil applied voltage, %
+77
°F
+185
°F
5-(2). Coil temperature rise
Tested sample: TX2-48V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
C 77F, 70C 158F
6-(1). Operate and release time (with diode)
Tested sample: TX2-5V, 10 pcs.
6-(2). Operate and release time (without diode)
Tested sample: TX2-5V, 10 pcs.
10
30
60
70
100
120
150
0
20
40
50
110
130
140
2A
2A
0A
0A
+25
°C
+70
°C
Coil applied voltage, %
+77
°F
+158
°F
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
7. Ambient temperature characteristics
Tested sample: TX2-5V, 5 pcs.
8-(1). High frequency characteristics
(Isolation)
Tested sample: TX2-12V, 2 pcs.
8-(2). High frequency characteristics
(Insertion loss)
Tested sample: TX2-12V, 2 pcs.
–40
40
20
–20
–40 –20
020 40
60
80
x
x
Ambient temperature,
°C
Drop-out
voltage
Pick-up voltage
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz
9 Malfunctional shock (single side stable)
Tested sample: TX2-5V, 6 pcs.
10-(1). Influence of adjacent mounting
Tested sample: TX2-12V, 6 pcs.
10-(2). Influence of adjacent mounting
Tested sample: TX2-12V, 6 pcs.
Y'
Y
XZ
Z'
X'
Y
Y'
Z'
Z XX'
1000m/s
2
1000m/s2
1000m/s2
1000m/s
2
1000m/s
2
1000m/s2
Deenergized condition
Energized condition
–5
0
5
–5
0
5
ON
ON
OFF OFF
10
6
24
8
0
OFF
ON
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm
.394
.236
.079 .157
.315
inch
–5
0
5
–5
0
5
ON
ON
ON
OFF
OFF
OFF
10
6
24
8
0
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm
.394
.236
.079 .157
.315
inch


Similar Part No. - TX2SS-1.5V-Z

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V RADIOMETRIX-TX2S-433-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V-SM RADIOMETRIX-TX2S-433-40-3V-SM Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-434-40-3V RADIOMETRIX-TX2S-434-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TX2SS-1.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com