Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA1025 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA1025
Description  1024K I2C Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA1025 Datasheet(HTML) 3 Page - Microchip Technology

  24AA1025 Datasheet HTML 1Page - Microchip Technology 24AA1025 Datasheet HTML 2Page - Microchip Technology 24AA1025 Datasheet HTML 3Page - Microchip Technology 24AA1025 Datasheet HTML 4Page - Microchip Technology 24AA1025 Datasheet HTML 5Page - Microchip Technology 24AA1025 Datasheet HTML 6Page - Microchip Technology 24AA1025 Datasheet HTML 7Page - Microchip Technology 24AA1025 Datasheet HTML 8Page - Microchip Technology 24AA1025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2005-2012 Microchip Technology Inc.
DS21941K-page 3
24AA1025/24LC1025/24FC1025
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E): Vcc = +2.5V to 5.5V TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
100
100
400
400
1000
kHz
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
2THIGH
Clock high time
4000
4000
600
600
500
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
3TLOW
Clock low time
4700
4700
1300
1300
500
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
4TR
SDA and SCL rise time
(Note 1)
1000
1000
300
300
300
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
5TF
SDA and SCL fall time
(Note 1)
300
100
ns
All except 24FC1025
1.8V
 VCC  5.5V (24FC1025 only)
6THD:STA
Start condition hold time
4000
4000
600
600
250
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
7TSU:STA
Start condition setup time
4700
4700
600
600
250
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
8THD:DAT Data input hold time
0
ns
(Note 2)
9TSU:DAT
Data input setup time
250
250
100
100
100
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
10
TSU:STO
Stop condition setup time
4000
4000
600
600
250
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved noise spike
suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but established by characterization. For endurance estimates in a specific application,
please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.


Similar Part No. - 24AA1025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
   1024K I2C??CMOS Serial EEPROM
2007
24AA1025 MICROCHIP-24AA1025 Datasheet
365Kb / 24P
   1024K I2C??CMOS Serial EEPROM
2008
24AA1025 MICROCHIP-24AA1025 Datasheet
304Kb / 26P
   1024K I2C??CMOS Serial EEPROM
2010
24AA1025 MICROCHIP-24AA1025 Datasheet
447Kb / 28P
   1024K I2C??CMOS Serial EEPROM
2011
24AA1025 MICROCHIP-24AA1025 Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
More results

Similar Description - 24AA1025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA1026 MICROCHIP-24AA1026_12 Datasheet
586Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
24AA1025 MICROCHIP-24AA1025_13 Datasheet
653Kb / 28P
   1024K I2C Serial EEPROM
11/29/12
24LC1025-IP MICROCHIP-24LC1025-IP Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
2005-2012
24LC1025-I-SM MICROCHIP-24LC1025-I-SM Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
2005-2012
24AA1025 MICROCHIP-24AA1025_12 Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
24AA1025 MICROCHIP-24AA1025_11 Datasheet
447Kb / 28P
   1024K I2C??CMOS Serial EEPROM
2011
24AA1025 MICROCHIP-24AA1025_08 Datasheet
365Kb / 24P
   1024K I2C??CMOS Serial EEPROM
2008
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
   1024K I2C??CMOS Serial EEPROM
2007
24LC1025 MICROCHIP-24LC1025 Datasheet
304Kb / 26P
   1024K I2C??CMOS Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com