Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460TR2227-0207 Datasheet(PDF) 3 Page - Cree, Inc

Part # C460TR2227-0207
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460TR2227-0207 Datasheet(HTML) 3 Page - Cree, Inc

  C460TR2227-0207 Datasheet HTML 1Page - Cree, Inc C460TR2227-0207 Datasheet HTML 2Page - Cree, Inc C460TR2227-0207 Datasheet HTML 3Page - Cree, Inc C460TR2227-0207 Datasheet HTML 4Page - Cree, Inc C460TR2227-0207 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR2227aretrademarksofCree,Inc.
3
CPR3EF Rev A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxTR2227-Sxx00
LEDchipsaresortedtotheRadiantFluxandDominantWavelengthbinsshown.Asorteddiesheetcontainsdiefromonly
onebin.Sorteddiekit(CxxxTR2227-Sxx00)ordersmaybefilledwithanyorallbins(CxxxTR2227-xxxx)containedin
thekit.AllRadiantFlux(RF)valuesandalldominantwavelengthvaluesshownarespecifiedatIf=20mA.
TR 450 nm Kits
TR 460 nm Kits
TR 527 nm Kits
TR-21
C450TR2227-S2100
C450TR2227-0213
C450TR2227-0214
C450TR2227-0215
C450TR2227-0216
C450TR2227-0209
C450TR2227-0210
C450TR2227-0211
C450TR2227-0212
C450TR2227-0205
C450TR2227-0206
C450TR2227-0207
C450TR2227-0208
Dominant Wavelength
447.5nm
450nm
452.5nm
445nm
455nm
27.0mW
24.0mW
21.0mW
TR-21
C460TR2227-S2100
C460TR2227-0213
C460TR2227-0214
C460TR2227-0215
C460TR2227-0216
C460TR2227-0209
C460TR2227-0210
C460TR2227-0211
C460TR2227-0212
C460TR2227-0205
C460TR2227-0206
C460TR2227-0207
C460TR2227-0208
Dominant Wavelength
457.5nm
460nm
462.5nm
455nm
465nm
27.0mW
24.0mW
21.0mW
C527TR2227-S0600
C527TR2227-0213
C527TR2227-0214
C527TR2227-0215
C527TR2227-0210
C527TR2227-0211
C527TR2227-0212
C527TR2227-0207
C527TR2227-0208
C527TR2227-0209
C527TR2227-0204
C527TR2227-0205
C527TR2227-0206
C527TR2227-0201
C527TR2227-0202
C527TR2227-0203
Dominant Wavelength
525nm
530nm
535nm
520nm
10.0mW
9.0mW
8.0mW
7.0mW
6.0mW
TR-06


Similar Part No. - C460TR2227-0207

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460TR2227-0207 MARKTECH-C460TR2227-0207 Datasheet
389Kb / 5P
   Cree TR2227 LEDs
More results

Similar Description - C460TR2227-0207

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR5050-S18000 CREE-C450TR5050-S18000_16 Datasheet
550Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 120 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3050-S3600 CREE-C450TR3050-S3600 Datasheet
298Kb / 5P
   Low Forward Voltage - 2.95 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com